Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA2500N Datasheet (PDF) - Sony Corporation

CXA2500N Datasheet PDF - Sony Corporation
Part # CXA2500N
Download  CXA2500N Download
File Size   220.82 Kbytes
Page   11 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Dual REC/PB Preamplifier

CXA2500N Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA2500N Datasheet PDF - Sony Corporation

Part # CXA2500N
Download  CXA2500N Click to download

File Size   220.82 Kbytes
Page   11 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Dual REC/PB Preamplifier

CXA2500N Datasheet (HTML) - Sony Corporation


CXA2500N Product details

Description
The CXA2500M/N is a dual recording/playback preamplifier system bipolar IC which has been developed for the low voltage operating cassette tape recorder.

Features
• Low quiescent current (VCC = 2V)
    PB: ICC = 3.2mA (typ.)
    REC: ICC = 5.2mA (typ.)
• Very few external parts
• Built-in Metal/Normal selection switch
• Small switching noise due to internal transient muting

Applications
    3V headphone radio cassette recorders




Similar Part No. - CXA2500N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2502 SONY-CXA2502 Datasheet
209Kb / 11P
Dolby B-C Type Noise Reduction System for Playback
CXA2502M SONY-CXA2502M Datasheet
209Kb / 11P
Dolby B-C Type Noise Reduction System for Playback
CXA2503 SONY-CXA2503 Datasheet
1Mb / 72P
Decoder/Driver/Timing Generator for Color LCD Panels
CXA2503AR SONY-CXA2503AR Datasheet
1Mb / 72P
Decoder/Driver/Timing Generator for Color LCD Panels
CXA2504 SONY-CXA2504 Datasheet
212Kb / 13P
Sample-and-Hold Driver IC for LCD
More results


Similar Description - CXA2500N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8155F TOSHIBA-TA8155F Datasheet
662Kb / 16P
REC/PB SYSTEM DUAL PRE-AMPLIFIER (1.5/3V USE)
07-Jul-1997
TA8162SN TOSHIBA-TA8162SN Datasheet
329Kb / 9P
DUAL PREAMPLIFIER
logo
Rohm
BA328 ROHM-BA328 Datasheet
117Kb / 5P
Dual preamplifier
logo
Sony Corporation
CX20034 SONY-CX20034 Datasheet
495Kb / 20P
REC/PB AMPLIFIER
CXA1202Q-Z SONY-CXA1202Q-Z Datasheet
427Kb / 26P
REC/PB Amplifier for VCR
logo
Daewoo Semiconductor
DBL1010 DAEWOO-DBL1010 Datasheet
222Kb / 5P
DUAL PREAMPLIFIER
logo
Samsung semiconductor
S1A0291X01 SAMSUNG-S1A0291X01 Datasheet
147Kb / 8P
PB/REC PRE AMP FOR 2 DECK
S1A0292A01 SAMSUNG-S1A0292A01 Datasheet
304Kb / 14P
PB/REC EQ ST PRE AMP
logo
Toshiba Semiconductor
TA8155FG TOSHIBA-TA8155FG Datasheet
1Mb / 17P
REC / PB System Dual Pre−amplifier (1.5 / 3V USE)
logo
Rohm
BA5104A ROHM-BA5104A Datasheet
187Kb / 3P
Switchless REC/PB Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com