Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75829PE Datasheet (PDF) - Sanyo Semicon Device

LC75829PE Datasheet PDF - Sanyo Semicon Device
Part # LC75829PE
Download  LC75829PE Download
File Size   172.2 Kbytes
Page   22 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1/4 and 1/3-Duty General-Purpose LCD Display Driver

LC75829PE Datasheet (PDF)

Go To PDF Page Download Datasheet
LC75829PE Datasheet PDF - Sanyo Semicon Device

Part # LC75829PE
Download  LC75829PE Click to download

File Size   172.2 Kbytes
Page   22 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1/4 and 1/3-Duty General-Purpose LCD Display Driver

LC75829PE Datasheet (HTML) - Sanyo Semicon Device


LC75829PE Product details

Overview
The LC75829PE and LC75829PW are 1/4 duty and 1/3 duty general-purpose microprocessor-controlled LCD drivers that can be used in applications such as frequency display in products with electronic tuning.
In addition to being able to drive up to 208 segments directly, the LC75829PE and LC75829PW can also control up to 4 general-purpose output ports. Incorporation of an oscillation circuit helps to reduce the number of external resistors and capacitors required.

Features
• Support for 1/4-duty 1/3-bias or 1/3-duty 1/3-bias drive techniques under serial data control.
   When 1/4-duty: Capable of driving up to 208 segments
   When 1/3-duty: Capable of driving up to 159 segments
• Serial data input supports CCB format communication with the system controller. (Support 3.3V and 5V operation)
• Serial data control of the power-saving mode based backup function and the all segments forced off function.
• Serial data control of switching between the segment output port and general-purpose output port function.
   (Support for up to 4 general-purpose output ports)
• Support for clock output function of 1ch.
• Serial data control of the frame frequency of the common and segment output waveforms.
• Serial data control of switching between the internal oscillator operating mode and external clock operating mode.
• High generality, since display data is displayed directly without the intervention of a decoder circuit.
• The INH pin allows the display to be forced to the off state.
• Incorporation of an oscillator circuit. (Incorporation of resistor and capacitor for an oscillation)




Similar Part No. - LC75829PE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC75829PE ONSEMI-LC75829PE Datasheet
207Kb / 22P
LCD Display Driver
July, 2013
LC75829PE-H ONSEMI-LC75829PE-H Datasheet
357Kb / 23P
Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75829PEH-H ONSEMI-LC75829PEH-H Datasheet
357Kb / 23P
Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75829PEH-TLA-H ONSEMI-LC75829PEH-TLA-H Datasheet
357Kb / 23P
Duty General-Purpose LCD Driver
June 2017 - Rev. 1
More results


Similar Description - LC75829PE

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75824E SANYO-LC75824E Datasheet
336Kb / 16P
1/4 Duty General-Purpose LCD Display Driver???
LC75873NE SANYO-LC75873NE Datasheet
279Kb / 15P
1/3 Duty General-Purpose LCD Display Driver????
LC75874E SANYO-LC75874E Datasheet
431Kb / 16P
1/4-Duty General-Purpose LCD Display Driver
LC75897PW SANYO-LC75897PW Datasheet
318Kb / 34P
1/3, 1/4-Duty General-Purpose LCD Display Driver
LC75879PT SANYO-LC75879PT Datasheet
274Kb / 35P
1/4, 1/3-Duty General-Purpose LCD Display Driver
LC75836W SANYO-LC75836W Datasheet
145Kb / 18P
1/4-Duty General-Purpose LCD Display Driver
LC75839PW SANYO-LC75839PW Datasheet
229Kb / 27P
1/4 and 1/3-Duty General-Purpose LCD Display Driver
LC75844M SANYO-LC75844M_08 Datasheet
207Kb / 15P
1/4-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75836W ONSEMI-LC75836W Datasheet
149Kb / 18P
1/4-Duty General-Purpose LCD Display Driver
July, 2013
logo
Princeton Technology Co...
PT16517 PTC-PT16517 Datasheet
563Kb / 5P
1/4, 1/3-Duty General-Purpose LCD Display Driver
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com