Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1S1R Datasheet (PDF) - NXP Semiconductors

F1S1R Datasheet PDF - NXP Semiconductors
Part # F1S1R
Download  F1S1R Download
File Size   389.83 Kbytes
Page   21 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description SSL1523 high power factor 5 W LED driver for universal

F1S1R Datasheet (PDF)

Go To PDF Page Download Datasheet
F1S1R Datasheet PDF - NXP Semiconductors

Part # F1S1R
Download  F1S1R Click to download

File Size   389.83 Kbytes
Page   21 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description SSL1523 high power factor 5 W LED driver for universal

F1S1R Datasheet (HTML) - NXP Semiconductors




Similar Part No. - F1S1R

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
F1S-100-FB RCD-F1S-100-FB Datasheet
43Kb / 1P
MINIATURE POWER FILM RESISTORS
F1S-100-FT RCD-F1S-100-FT Datasheet
43Kb / 1P
MINIATURE POWER FILM RESISTORS
F1S-100-GB RCD-F1S-100-GB Datasheet
43Kb / 1P
MINIATURE POWER FILM RESISTORS
F1S-100-GT RCD-F1S-100-GT Datasheet
43Kb / 1P
MINIATURE POWER FILM RESISTORS
F1S-100-JB RCD-F1S-100-JB Datasheet
43Kb / 1P
MINIATURE POWER FILM RESISTORS
More results


Similar Description - F1S1R

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-67 POWERINT-DI-67 Datasheet
74Kb / 2P
Isolated, Power Factor Corrected (PFC), 17 W LED Driver
logo
Fairchild Semiconductor
AN-9750 FAIRCHILD-AN-9750 Datasheet
441Kb / 13P
High-Power Factor Flyback Converter for LED Driver with
logo
Taiwan Semiconductor Co...
TS19702 TSC-TS19702 Datasheet
411Kb / 9P
High Power Factor Corrector LED Driver
logo
STMicroelectronics
AN4346 STMICROELECTRONICS-AN4346 Datasheet
1Mb / 33P
10 W wide range - high power factor - isolated LED driver using HVLED815PF
29-Oct-2013
logo
Taiwan Semiconductor Co...
TS19702 TSC-TS19702_14 Datasheet
1Mb / 9P
High Power Factor Corrector LED Driver
logo
Diodes Incorporated
AL1676 DIODES-AL1676 Datasheet
487Kb / 15P
UNIVERSAL HIGH POWER FACTOR BUCK LED DRIVER
Rev 1
logo
STMicroelectronics
EVLHVLED815W15 STMICROELECTRONICS-EVLHVLED815W15 Datasheet
461Kb / 7P
15 W high power factor LED driver based on HVLED815PF
27-Aug-2013
logo
Cypress Semiconductor
MB39C602 CYPRESS-MB39C602 Datasheet
1Mb / 40P
High Power Factor LED Driver IC for LED Lighting
logo
Linkage Goston Electron...
SM7301 LINKAGE-SM7301 Datasheet
4Mb / 8P
High power factor LED driver chip
SM7352P LINKAGE-SM7352P Datasheet
1Mb / 7P
HIgh-Power Factor LED Driver Control Switch
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com