Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR3001 Datasheet (PDF) - Shenzhen Taychipst Electronic Co., Ltd

PR3001 Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd
Part # PR3001
Download  PR3001 Download
File Size   4709.13 Kbytes
Page   2 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description FAST RECOVERY RECTIFIER

PR3001 Datasheet (PDF)

Go To PDF Page Download Datasheet
PR3001 Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd

Part # PR3001
Download  PR3001 Click to download

File Size   4709.13 Kbytes
Page   2 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description FAST RECOVERY RECTIFIER

PR3001 Datasheet (HTML) - Shenzhen Taychipst Electronic Co., Ltd


PR3001 Product details

FEATURES
● Diffused Junction
● Fast Switching for High Efficiency
● High Current Capability and Low Forward
   Voltage Drop
● Surge Overload Rating to 150 A Peak
● Low Reverse Leakage Current
● Plastic Material: UL Flammability
   Classification Rating 94V-0




Similar Part No. - PR3001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PR3001 DIODES-PR3001 Datasheet
61Kb / 2P
3.0A FAST RECOVERY RECTIFIER
DS26014 Rev. A1-2
logo
Fuji Electric
PR3001 FUJI-PR3001 Datasheet
727Kb / 1P
3 AMP FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
PR3001 DIODES-PR3001 Datasheet
368Kb / 3P
3.0A FAST RECOVERY RECTIFIER
DS26014 Rev. 4 - 2
logo
Compact Technology Corp...
PR3001 CTC-PR3001 Datasheet
61Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SUNMATE electronic Co.,...
PR3001 SUNMATE-PR3001 Datasheet
291Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
More results


Similar Description - PR3001

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
FR101 CHENYI-FR101 Datasheet
163Kb / 2P
FAST RECOVERY RECTIFIER
FR301 CHENYI-FR301 Datasheet
122Kb / 2P
FAST RECOVERY RECTIFIER
logo
Mospec Semiconductor
FR101 MOSPEC-FR101 Datasheet
189Kb / 2P
FAST RECOVERY RECTIFIER
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIER
3JH61 BILIN-3JH61 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIER
BY500-100 BILIN-BY500-100 Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com