Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGP15MA Datasheet (PDF) - Shenzhen Taychipst Electronic Co., Ltd

RGP15MA Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd
Part # RGP15MA
Download  RGP15MA Download
File Size   4749.41 Kbytes
Page   2 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER

RGP15MA Datasheet (PDF)

Go To PDF Page Download Datasheet
RGP15MA Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd

Part # RGP15MA
Download  RGP15MA Click to download

File Size   4749.41 Kbytes
Page   2 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER

RGP15MA Datasheet (HTML) - Shenzhen Taychipst Electronic Co., Ltd


RGP15MA Product details

FEATURES
* GPRC (Glass Passivated Rectifier Chip) inside
* Glass passivated cavity-free junction
* Capable of meeting environmental standards of MIL-S-19500
* For use in high frequence rectifier circuits
* Fast switching for high efficiency
* 1.5 Amperes operation at TA=55°C with no thermal runaway
* Typical IR less than 0.1uA
* High temperature soldering guaranteed: 260°C/10 seconds,
   0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension
* Plastic package has Underwriters Laboratory Flammability
   Classification 94V-0




Similar Part No. - RGP15MA

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP15MA ZOWIE-RGP15MA Datasheet
61Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Leshan Radio Company
RGP15MA LRC-RGP15MA Datasheet
533Kb / 7P
Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
RGP15MA LRC-RGP15MA_15 Datasheet
533Kb / 7P
Glass Passivated Junction Fast Switching Rectifiers
More results


Similar Description - RGP15MA

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP10A ZOWIE-RGP10A Datasheet
61Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP20A ZOWIE-RGP20A Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP30A ZOWIE-RGP30A Datasheet
59Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
RGP10A TAYCHIPST-RGP10A Datasheet
4Mb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP20A TAYCHIPST-RGP20A Datasheet
4Mb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Zowie Technology Corpor...
RG110B ZOWIE-RG110B Datasheet
47Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP02-12H ZOWIE-RGP02-12H Datasheet
64Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP10AH ZOWIE-RGP10AH Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP30AH ZOWIE-RGP30AH Datasheet
58Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
WRGP10AH ZOWIE-WRGP10AH Datasheet
63Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com