Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXB1585N Datasheet (PDF) - Sony Corporation

CXB1585N Datasheet PDF - Sony Corporation
Part # CXB1585N
Download  CXB1585N Download
File Size   180.74 Kbytes
Page   14 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Fibre Channel Repeater

CXB1585N Datasheet (PDF)

Go To PDF Page Download Datasheet
CXB1585N Datasheet PDF - Sony Corporation

Part # CXB1585N
Download  CXB1585N Click to download

File Size   180.74 Kbytes
Page   14 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Fibre Channel Repeater

CXB1585N Datasheet (HTML) - Sony Corporation


CXB1585N Product details

Description
The CXB1585N is a repeater IC with a built-in PLL clock recovery circuit for Fibre Channel 1.06Gbaud. This IC incorporates a port bypass circuit and is suitable for disk array and FC-AL HUB, etc.

Features
• Conforms to ANSI X3T11 Fibre Channel standard
• Single 3.3V power supply
• Low power consumption: 330mW (Typ.)
• Low jitter
• PLL lock detection circuit
• Port bypass circuit
• Small plastic package (24-pin SSOP)

Applications
• Fibre channel arbitrated loop 1.0625Gbaud HUB
• Disk array




Similar Part No. - CXB1585N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1581Q SONY-CXB1581Q Datasheet
285Kb / 22P
Fibre Channel Transmitter
CXB1582Q SONY-CXB1582Q Datasheet
293Kb / 23P
Fibre Channel Receiver
CXB1583Q SONY-CXB1583Q Datasheet
405Kb / 23P
266Mbaud Fibre Channel Transceiver IC
CXB1586AR SONY-CXB1586AR Datasheet
307Kb / 18P
10 Bit 1.0625 Gbaud Transceiver
More results


Similar Description - CXB1585N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1595AN SONY-CXB1595AN Datasheet
157Kb / 14P
Fibre Channel Repeater
logo
Maxim Integrated Produc...
MAX3754 MAXIM-MAX3754 Datasheet
281Kb / 13P
Dual-Rate, 1Gbps/2Gbps Fibre Channel Quad-Port Bypass ICs with Repeater
19-2098; Rev 1; 1/02
logo
Vitesse Semiconductor C...
VSC7127 VITESSE-VSC7127 Datasheet
174Kb / 12P
Family of Repeater/Retimer and Port Bypass Circuits for Fibre Channel
VSC7140 VITESSE-VSC7140 Datasheet
115Kb / 12P
1.0625 Gb/s Fibre Channel Dual Repeater / Hub Node
VSC7142 VITESSE-VSC7142 Datasheet
93Kb / 2P
Dual Repeater/Retimer for Fibre Channel and Gigabit Ethernet
logo
FIDELIX
FXO-HC735RFC-10625 FIDELIX-FXO-HC735RFC-10625 Datasheet
257Kb / 2P
FIBRE CHANNEL
logo
Fox Electronics
FXO-LC735RFC-2125 FOX-FXO-LC735RFC-2125 Datasheet
187Kb / 15P
FIBRE CHANNEL
FXO-PC735RFC-2125 FOX-FXO-PC735RFC-2125 Datasheet
203Kb / 2P
FIBRE CHANNEL
FXO-PC735RFC-10625 FOX-FXO-PC735RFC-10625 Datasheet
197Kb / 2P
FIBRE CHANNEL
logo
Schneider Electric
140NRP95400 SCHNEIDER-140NRP95400 Datasheet
117Kb / 4P
Fibre optic repeater MM/ST RIO S908 2CH
Apr 18, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com