Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLR0524 Datasheet (PDF) - Protek Devices

PLR0524 Datasheet PDF - Protek Devices
Part # PLR0524
Download  PLR0524 Download
File Size   941.57 Kbytes
Page   8 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY

PLR0524 Datasheet (PDF)

Go To PDF Page Download Datasheet
PLR0524 Datasheet PDF - Protek Devices

Part # PLR0524
Download  PLR0524 Click to download

File Size   941.57 Kbytes
Page   8 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY

PLR0524 Datasheet (HTML) - Protek Devices


PLR0524 Product details

DESCRIPTION
The PLR0524 is an ultra low capacitance steering diode/TVS array. This device is designed to protect computing applications such as gigabit Ethernet, HDMI, USB(1.0-3.0) and DVI interfaces as well as telecommunication equipment and systems. The PLR0524 is available in the space-saving DFN-10 package configuration.
This device meets the IEC 61000-4-2 (ESD), 61000-4-2 (EFT) and 61000-4-4 (Surge) requirements. At higher operating frequencies or faster edge rates, insertion loss and signal integrity are a major concern. This device in conjunction with passive components integrated into a TVS/filter network can be used for EMI/RFI protection.

FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Lightning): 5A - 8/20µs
• ESD Protection > 25 kilovolts
• Low Leakage Current < 0.5µa
• Protects 4 Lines
• Ultra Low Capacitance : 0.7pF Typical(I/O to GND)
• RoHS Compliant
• REACH Compliant

APPLICATIONS
• Gigabit Ethernet
• DVI Interface
• High-Speed Data Line ESD Protection
• FireWire, SATA & PCIe Interfaces
• IEEE 1394 to 3.2Gbps
• USB 1.0, USB 2.0 & USB 3.0
• HDMI 1.4 & 2.0 Interfaces




Similar Part No. - PLR0524

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
PLR0524-T7 TECHPUBLIC-PLR0524-T7 Datasheet
1Mb / 5P
Low Capactitance 4-Line Uni-directional TVS Diode
logo
Protek Devices
PLR0524P PROTEC-PLR0524P Datasheet
778Kb / 6P
ultra low capacitance steering diode/tvs arr ay
PLR0524P PROTEC-PLR0524P_12 Datasheet
782Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PLR0524P PROTEC-PLR0524P_15 Datasheet
528Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE
PLR0524 PROTEC-PLR0524_15 Datasheet
805Kb / 9P
ULTRA LOW CAPACITANCE STEERING DIODE
More results


Similar Description - PLR0524

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLC497 PROTEC-PLC497_10 Datasheet
916Kb / 9P
ultra low capacitance steering diode/TVS array
PSR3.3 PROTEC-PSR3.3 Datasheet
478Kb / 6P
ultra low capacitance steering diode/tvs array
SRV05-4 PROTEC-SRV05-4_11 Datasheet
630Kb / 8P
ultra low capacitance steering diode/tvs array
SRV05-4LC PROTEC-SRV05-4LC Datasheet
548Kb / 7P
ultra low capacitance steering diode/tvs array
PAM05SC700504F PROTEC-PAM05SC700504F Datasheet
525Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PLR0502 PROTEC-PLR0502_12 Datasheet
553Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PLR0504F PROTEC-PLR0504F_12 Datasheet
524Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSR3.3 PROTEC-PSR3.3_12 Datasheet
479Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
SR2.8 PROTEC-SR2.8_12 Datasheet
486Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
SRV25-4 PROTEC-SRV25-4 Datasheet
442Kb / 7P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com