Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6026CT Datasheet (PDF) - Toshiba Semiconductor

2SC6026CT Datasheet PDF - Toshiba Semiconductor
Part # 2SC6026CT
Download  2SC6026CT Download
File Size   151.69 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description General Purpose Amplifier Applications

2SC6026CT Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC6026CT Datasheet PDF - Toshiba Semiconductor

Part # 2SC6026CT
Download  2SC6026CT Click to download

File Size   151.69 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description General Purpose Amplifier Applications

2SC6026CT Datasheet (HTML) - Toshiba Semiconductor


2SC6026CT Product details

General Purpose Amplifier Applications



• High voltage and high current : VCEO = 50V, IC = 100mA (max)

• Excellent hFE linearity : hFE (IC = 0.1 mA)/hFE (IC = 2 mA)= 0.95 (typ.)

• High hFE : hFE = 120 to 400

• Complementary to 2SA2154CT




Similar Part No. - 2SC6026CT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC6026 TOSHIBA-2SC6026 Datasheet
132Kb / 3P
Silicon NPN Epitaxial Type (PCT Process) General-Purpose Amplifier Applications
2SC6026MFV TOSHIBA-2SC6026MFV Datasheet
254Kb / 4P
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
2SC6026MFV TOSHIBA-2SC6026MFV Datasheet
154Kb / 4P
General-Purpose Amplifier Applications
2SC6026MFV TOSHIBA-2SC6026MFV Datasheet
154Kb / 4P
General-Purpose Amplifier Applications
2SC6026MFV-GR TOSHIBA-2SC6026MFV-GR Datasheet
154Kb / 4P
General-Purpose Amplifier Applications
More results


Similar Description - 2SC6026CT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
HN1B26FS TOSHIBA-HN1B26FS Datasheet
164Kb / 6P
General-Purpose Amplifier Applications
HN7G04FU TOSHIBA-HN7G04FU Datasheet
440Kb / 6P
General-Purpose Amplifier Applications
HN7G08FE TOSHIBA-HN7G08FE Datasheet
225Kb / 6P
General-Purpose Amplifier Applications
2SA2154MFV TOSHIBA-2SA2154MFV Datasheet
264Kb / 4P
General-Purpose Amplifier Applications
2SC5232 TOSHIBA-2SC5232_03 Datasheet
137Kb / 5P
General Purpose Amplifier Applications
2SA2154CT TOSHIBA-2SA2154CT Datasheet
147Kb / 3P
General-Purpose Amplifier Applications
2SA1954B TOSHIBA-2SA1954B Datasheet
234Kb / 5P
General Purpose Amplifier Applications
2SC6026MFV-GR TOSHIBA-2SC6026MFV-GR Datasheet
154Kb / 4P
General-Purpose Amplifier Applications
2SC6026MFV-Y TOSHIBA-2SC6026MFV-Y Datasheet
154Kb / 4P
General-Purpose Amplifier Applications
logo
List of Unclassifed Man...
A844 ETC-A844 Datasheet
123Kb / 1P
General Purpose Amplifier Applications.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com