Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL3406B Datasheet (PDF) - SHANGHAI BELLING CO., LTD.

BL3406B Datasheet PDF - SHANGHAI BELLING CO., LTD.
Part # BL3406B
Download  BL3406B Download
File Size   462.99 Kbytes
Page   11 Pages
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.
Description 1.5 MHz, 800mA Synchronous Buck Converter

BL3406B Datasheet (PDF)

Go To PDF Page Download Datasheet
BL3406B Datasheet PDF - SHANGHAI BELLING CO., LTD.

Part # BL3406B
Download  BL3406B Click to download

File Size   462.99 Kbytes
Page   11 Pages
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.
Description 1.5 MHz, 800mA Synchronous Buck Converter

BL3406B Datasheet (HTML) - SHANGHAI BELLING CO., LTD.


BL3406B Product details

DESCRIPTION

The  BL3406B  is  a  constant  frequency, 1.5MHz,  slope  compensated  current  mode PWM step-down converter working under an input  voltage  range  of  2.5V  to  5.5V.  This feature  makes  the  BL3406B  suitable  for single cell Li-ion battery-powered applications.



FEATURES

• High Efficiency: Up to 96%

• 1.5MHz Constant Switching Frequency

• Current Mode Operation for Excellent Line and Load Transient Response

• No Schottky Diode Required

• 2.5V to 5.5V Input Voltage Range

• 1.0V,1.2V,1.5V,1.8V,2.5V and 3.3V Fixed/Adjustable Output Voltage

• 100% Duty Cycle in Dropout Mode

• Low Quiescent Current: 180µA

• Over temperature Protection

• Short Circuit Protection

• Shutdown Quiescent Current < 1µA

• Space Saving 5-Pin Thin SOT23 Package



APPLICATIONS

• Cellular and Smart Phones

• Wireless Handsets and DSL Modems

• Microprocessors and DSP Core Supplies

• PDAs

• Digital Still and Video Cameras

• MP3/MP4/MP5 Players

• Portable Instruments




Similar Part No. - BL3406B

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL34018 BELLING-BL34018 Datasheet
572Kb / 16P
BL34018
More results


Similar Description - BL3406B

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1366B AIMTRON-AT1366B Datasheet
347Kb / 14P
1MHz,800mA Synchronous Buck Converter
logo
Monolithic Power System...
EV2105DJ-00A MPS-EV2105DJ-00A Datasheet
161Kb / 4P
800mA Synchronous Buck Step-Down Converter
logo
BCD Semiconductor Manuf...
AP3406A BCDSEMI-AP3406A Datasheet
680Kb / 12P
1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
logo
SHANGHAI BELLING CO., L...
BL8022 BELLING-BL8022 Datasheet
502Kb / 7P
800mA 1.5MHz 7V Synchronous Buck Converter
BL9310 BELLING-BL9310 Datasheet
456Kb / 11P
1.5 MHz, 1A Synchronous Buck Converter
BL9328 BELLING-BL9328 Datasheet
338Kb / 10P
1.5 MHz, Dual 800mA Synchronous Buck Converter
logo
BCD Semiconductor Manuf...
AP3406A BCDSEMI-AP3406A_11 Datasheet
655Kb / 13P
1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Linear Technology
LTC3538 LINER-LTC3538_15 Datasheet
216Kb / 16P
800mA Synchronous Buck-Boost DC/DC Converter
logo
First Silicon Co., Ltd
FTD1466 FS-FTD1466 Datasheet
671Kb / 7P
60V 800mA 480KHz synchronous Buck Converter
FTD1469 FS-FTD1469 Datasheet
795Kb / 8P
40V, 800mA, 1.2MHz Synchronous Buck Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com