Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD2301Q Datasheet (PDF) - Sony Corporation

CXD2301Q Datasheet PDF - Sony Corporation
Part # CXD2301Q
Download  CXD2301Q Download
File Size   473.83 Kbytes
Page   23 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 8-bit 30MSPS Video A/D Converter with Built-in Amplifier/Clamp

CXD2301Q Datasheet (PDF)

Go To PDF Page Download Datasheet
CXD2301Q Datasheet PDF - Sony Corporation

Part # CXD2301Q
Download  CXD2301Q Click to download

File Size   473.83 Kbytes
Page   23 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 8-bit 30MSPS Video A/D Converter with Built-in Amplifier/Clamp

CXD2301Q Datasheet (HTML) - Sony Corporation


CXD2301Q Product details

Description
The CXD2301Q is an 8-bit CMOS A/D converter for video applications with built-in amplifier/sync-clamp circuits. A maximum conversion rate of 30MSPS is attained at a low power consumption by adopting a 2-step parallel system.

Features
• Resolution: 8 bits ±1/2LSB (DL)
• Maximum sampling frequency: 30MSPS
• Low power consumption: 120mW (at 30MSPS typ.) (Including reference current)
• Standby function: 0.5mW power consumption in standby
• Amplifier functions: Built-in 3x amplifier (15MHz band), 2-input selector function provided
• Synchronous clamp function
• Clamp ON/OFF function
• Reference voltage self-bias circuit
• TTL compatible output
• 3V digital interface capability
• Single 5V or dual 4.75/3.3V power supplies
• Low input capacitance: 8pF
• Reference impedance: 330Ω (typ.)

Applications
    Wide range of application fields where high-speed A/D conversion is required such as in the digital systems of TVs, VCRs, etc.




Similar Part No. - CXD2301Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2300Q SONY-CXD2300Q Datasheet
202Kb / 14P
8-bit 18MSPS Video A/D Converter with 3.3V Power Supply Operation Function
CXD2302 SONY-CXD2302 Datasheet
344Kb / 25P
8-bit 50MSPS Video A/D Converter with Clamp Function
CXD2302Q SONY-CXD2302Q Datasheet
344Kb / 25P
8-bit 50MSPS Video A/D Converter with Clamp Function
CXD2303AQ SONY-CXD2303AQ Datasheet
501Kb / 37P
8-bit 3-channel 50 MSPS Video A/D Converter with clamp function
CXD2304 SONY-CXD2304 Datasheet
249Kb / 15P
8-bit 20 MSPS RGB 3-Channel D/A Converter
More results


Similar Description - CXD2301Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1176Q SONY-CXD1176Q Datasheet
402Kb / 25P
8-bit 20MSPS Video A/D Converter with Clamp Function
CXD1179Q SONY-CXD1179Q Datasheet
202Kb / 14P
8-bit 35MSPS Video A/D Converter with Clamp Function
CXD2302Q SONY-CXD2302Q Datasheet
344Kb / 25P
8-bit 50MSPS Video A/D Converter with Clamp Function
logo
fujitsu semiconductor
MB40568 FUJITSU-MB40568 Datasheet
175Kb / 24P
A/D Converter (1-channel, 8-bit low-power model with built-in clamp circuit)
logo
Intersil Corporation
HI-5701 INTERSIL-HI-5701 Datasheet
151Kb / 14P
6-Bit, 30MSPS, Flash A/D Converter
June 1999
HI2302 INTERSIL-HI2302 Datasheet
167Kb / 16P
8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
November 1997
HA-5701 INTERSIL-HA-5701 Datasheet
202Kb / 12P
6-Bit, 30MSPS, Flash A/D Converter
September 9, 2005
HI2301 INTERSIL-HI2301 Datasheet
746Kb / 13P
8-Bit, 30 MSPS, Video A/D Converter with Amplifier/Clamp
January 1998
HI2303 INTERSIL-HI2303 Datasheet
162Kb / 18P
Triple 8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
December 1998
HI2302 INTERSIL-HI2302_05 Datasheet
573Kb / 16P
8-Bit, 50MSPS, Video A/D Converter with Clamp Function
October 25, 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com