Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT3S19 Datasheet (PDF) - Toshiba Semiconductor

MT3S19 Datasheet PDF - Toshiba Semiconductor
Part # MT3S19
Download  MT3S19 Download
File Size   178.0 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description VHF-UHF Low-Noise, Low-Distortion Amplifier Applications

MT3S19 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT3S19 Datasheet PDF - Toshiba Semiconductor

Part # MT3S19
Download  MT3S19 Click to download

File Size   178.0 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description VHF-UHF Low-Noise, Low-Distortion Amplifier Applications

MT3S19 Datasheet (HTML) - Toshiba Semiconductor


MT3S19 Product details

VHF-UHF Low-Noise, Low-Distortion Amplifier Applications

Features
• Low-Noise Figure:NF=1.5 dB (typ.) (@ f=1 GHz)
• High Gain:|S21e|2=12.5 dB (typ.) (@ f=1 GHz)




Similar Part No. - MT3S19

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MT3S19R TOSHIBA-MT3S19R Datasheet
168Kb / 5P
VHF-UHF Band Low-Noise, Low-Distortion Amplifier Applications
MT3S19TU TOSHIBA-MT3S19TU Datasheet
169Kb / 5P
VHF-UHF Low-Noise, Low-Distortion Amplifier Applications
More results


Similar Description - MT3S19

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MT3S19R TOSHIBA-MT3S19R Datasheet
168Kb / 5P
VHF-UHF Band Low-Noise, Low-Distortion Amplifier Applications
MT3S19TU TOSHIBA-MT3S19TU Datasheet
169Kb / 5P
VHF-UHF Low-Noise, Low-Distortion Amplifier Applications
MT3S20P TOSHIBA-MT3S20P Datasheet
185Kb / 5P
VHF-UHF Band Low-Noise, Low-Distortion Amplifier Applications
MT3S20TU TOSHIBA-MT3S20TU Datasheet
194Kb / 5P
VHF-UHF Band Low-Noise, Low-Distortion Amplifier Applications
MT3S22P TOSHIBA-MT3S22P Datasheet
196Kb / 5P
VHF-UHF Band Low-Noise, Low-Distortion Amplifier Applications
MT3S111 TOSHIBA-MT3S111 Datasheet
167Kb / 5P
VHF-UHF Low-Noise, Low-Distortion Amplifier Applications
MT3S111P TOSHIBA-MT3S111P Datasheet
169Kb / 5P
VHF-UHF Low-Noise, Low-Distortion Amplifier Applications
MT3S113 TOSHIBA-MT3S113 Datasheet
210Kb / 7P
VHF-UHF Band Low-Noise, Low-Distortion Amplifier Applications
MT3S113P TOSHIBA-MT3S113P Datasheet
191Kb / 7P
VHF-UHF Band Low-Noise, Low-Distortion Amplifier Applications
MT3S113TU TOSHIBA-MT3S113TU Datasheet
185Kb / 7P
VHF-UHF Band Low-Noise, Low-Distortion Amplifier Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com