Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD2311 Datasheet (PDF) - Sony Corporation

CXD2311 Datasheet PDF - Sony Corporation
Part # CXD2311
Download  CXD2311 Download
File Size   307.16 Kbytes
Page   16 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 10-bit 20MSPS Video A/D Converter

CXD2311 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXD2311 Datasheet PDF - Sony Corporation

Part # CXD2311
Download  CXD2311 Click to download

File Size   307.16 Kbytes
Page   16 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 10-bit 20MSPS Video A/D Converter

CXD2311 Datasheet (HTML) - Sony Corporation


CXD2311 Product details

Description

The CXD2311AR is a 10-bit CMOS A/D converter for video applications. This IC is ideally suited for the A/D conversion of video signals in TVs, VCRs, camcorders, etc.



Features

• Resolution: 10-bit ± 1.0 LSB (D.L.E.)

• Maximum sampling frequency: 20MSPS

• Low power consumption: 130mW (at 20MSPS typ.) (Not including reference current)

• TTL compatible input

• Tri-state TTL compatible output (DVDD= 3.3V)

• Low input capacitance

• Reference impedance: 280Ω(typ.)




Similar Part No. - CXD2311

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2310 SONY-CXD2310 Datasheet
302Kb / 16P
10-bit 20MSPS Video A/D Converter
CXD2310AR SONY-CXD2310AR Datasheet
302Kb / 16P
10-bit 20MSPS Video A/D Converter
CXD2312 SONY-CXD2312 Datasheet
305Kb / 16P
9-bit 20MSPS Video A/D Converter
CXD2312R SONY-CXD2312R Datasheet
305Kb / 16P
9-bit 20MSPS Video A/D Converter
More results


Similar Description - CXD2311

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1977R SONY-CXA1977R Datasheet
273Kb / 16P
10-bit 20MSPS A/D Converter
CXD1172AM SONY-CXD1172AM Datasheet
364Kb / 11P
6-bit 20MSPS Video A/D Converter (CMOS)
CXD1175AM SONY-CXD1175AM Datasheet
302Kb / 20P
8-bit 20MSPS Video A/D Converter (CMOS)
CXD1176Q SONY-CXD1176Q Datasheet
402Kb / 25P
8-bit 20MSPS Video A/D Converter with Clamp Function
CXD2310AR SONY-CXD2310AR Datasheet
302Kb / 16P
10-bit 20MSPS Video A/D Converter
CXD2312R SONY-CXD2312R Datasheet
305Kb / 16P
9-bit 20MSPS Video A/D Converter
CXD3300R SONY-CXD3300R Datasheet
220Kb / 17P
10-bit 20MSPS Video A/D Converter
logo
Intersil Corporation
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
Aimtron Technology
AT1175 AIMTRON-AT1175 Datasheet
223Kb / 6P
8-BIT 20MSPS CMOS VIDEO A/D CONVERTER
logo
Intersil Corporation
HI1172 INTERSIL-HI1172_00 Datasheet
82Kb / 7P
6-Bit, 20MSPS, Video A/D Converter (CMOS)
September 2000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com