Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLWD1100B Datasheet (PDF) - Toshiba Semiconductor

TLWD1100B Datasheet PDF - Toshiba Semiconductor
Part # TLWD1100B
Download  TLWD1100B Download
File Size   290.21 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Panel Circuit Indicators

TLWD1100B Datasheet (PDF)

Go To PDF Page Download Datasheet
TLWD1100B Datasheet PDF - Toshiba Semiconductor

Part # TLWD1100B
Download  TLWD1100B Click to download

File Size   290.21 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Panel Circuit Indicators

TLWD1100B Datasheet (HTML) - Toshiba Semiconductor


TLWD1100B Product details

Panel Circuit Indicators



• Surface-mount device

• 3.2 (L) mm × 2.8 (W) mm × 1.9 (H) mm

• LED chip and phosphor

• Luminous intensity: IV = 180 mcd (typ.) @20 mA

• Color: White

• Chromaticity (typ.): Cx = 0.32, Cy = 0.31

• Topr / Tstg = -40 to 100°C

• Reflow-solderable

• Applications: automotive use, backlighting etc.

• Standard embossed tape packing: T11 (2000pcs / reel) 8-mm tape reel



 




Similar Part No. - TLWD1100B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLWD1100 TOSHIBA-TLWD1100 Datasheet
278Kb / 9P
Panel Circuit Indicator
TLWD1100T11 TOSHIBA-TLWD1100T11 Datasheet
278Kb / 9P
Panel Circuit Indicator
More results


Similar Description - TLWD1100B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLRE62T TOSHIBA-TLRE62T_07 Datasheet
285Kb / 12P
Panel Circuit Indicators
TLGE33TP TOSHIBA-TLGE33TP Datasheet
244Kb / 3P
Panel Circuit Indicators
TLRE60T TOSHIBA-TLRE60T Datasheet
250Kb / 7P
Panel Circuit Indicators
TLRM1060 TOSHIBA-TLRM1060 Datasheet
315Kb / 14P
Panel Circuit Indicators
TLRE60T TOSHIBA-TLRE60T_08 Datasheet
197Kb / 7P
Panel Circuit Indicators
TLRH62T TOSHIBA-TLRH62T_08 Datasheet
191Kb / 6P
Panel Circuit Indicators
TLWF1109 TOSHIBA-TLWF1109 Datasheet
258Kb / 10P
Panel Circuit Indicators
TLWK1100C TOSHIBA-TLWK1100C Datasheet
278Kb / 9P
Panel Circuit Indicators
TLWK1109 TOSHIBA-TLWK1109 Datasheet
266Kb / 10P
Panel Circuit Indicators
TLWLK1109 TOSHIBA-TLWLK1109 Datasheet
284Kb / 10P
Panel Circuit Indicators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com