Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHL8015 Datasheet (PDF) - Motorola, Inc

MHL8015 Datasheet PDF - Motorola, Inc
Part # MHL8015
Download  MHL8015 Download
File Size   50.68 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description UHF Lineat Amplifier

MHL8015 Datasheet (PDF)

Go To PDF Page Download Datasheet
MHL8015 Datasheet PDF - Motorola, Inc

Part # MHL8015
Download  MHL8015 Click to download

File Size   50.68 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description UHF Lineat Amplifier

MHL8015 Datasheet (HTML) - Motorola, Inc


MHL8015 Product details

400 mW, 18.5 dB 40–1000 MHz LINEAR AMPLIFIERS



Designed for linear amplifier applications in 50 ohm systems requiring wide bandwidth, low noise, and low distortion. Internal DC blocking on RF ports reduces external component count and related circuit area. This hybrid utilizes push–pull circuit design.



• Supply Voltage: 15 Vdc (MHL8015)

  Supply Voltage: 28 Vdc (MHL8018)

• Third Order Intercept: 38 dBm Typ

• Power Gain: 18.5 dB Typ (@ f = 900 MHz)

• Excellent Phase Linearity and Group Delay Characteristics

• 50 Ohm Input/Output Impedances




Similar Part No. - MHL8015

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
MHL80 SEI-MHL80 Datasheet
275Kb / 4P
Metal Clad Wirewound Resistor
12/01/2020
MHL800 SEI-MHL800 Datasheet
275Kb / 4P
Metal Clad Wirewound Resistor
12/01/2020
MHL800FB100R SEI-MHL800FB100R Datasheet
275Kb / 4P
Metal Clad Wirewound Resistor
12/01/2020
MHL800FB10K0 SEI-MHL800FB10K0 Datasheet
275Kb / 4P
Metal Clad Wirewound Resistor
12/01/2020
MHL800FBR100 SEI-MHL800FBR100 Datasheet
275Kb / 4P
Metal Clad Wirewound Resistor
12/01/2020
More results


Similar Description - MHL8015

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHL8115 MOTOROLA-MHL8115 Datasheet
50Kb / 4P
UHF Linear Amplifier
MHL9125 MOTOROLA-MHL9125 Datasheet
50Kb / 4P
UHF Linear Amplifier
logo
NXP Semiconductors
BGY122A PHILIPS-BGY122A Datasheet
97Kb / 16P
UHF amplifier modules
1998 May 11
BGY212A PHILIPS-BGY212A Datasheet
132Kb / 11P
UHF amplifier module
1999 Aug 23
BGY916 PHILIPS-BGY916 Datasheet
88Kb / 12P
UHF amplifier module
1998 May 27
BGY925 PHILIPS-BGY925 Datasheet
88Kb / 12P
UHF amplifier module
2000 Feb 02
logo
STMicroelectronics
2N5179 STMICROELECTRONICS-2N5179 Datasheet
42Kb / 2P
VHF/UHF AMPLIFIER
logo
NXP Semiconductors
BGY49A PHILIPS-BGY49A Datasheet
197Kb / 9P
UHF AMPLIFIER MODULES
October 1990
BGY280 PHILIPS-BGY280 Datasheet
156Kb / 11P
UHF amplifier module
2000 Nov 15
BGY240S PHILIPS-BGY240S Datasheet
85Kb / 12P
UHF amplifier module
1999 Aug 23
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com