Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9645BCPZ-80 Datasheet (PDF) - Analog Devices

AD9645BCPZ-80 Datasheet PDF - Analog Devices
Part # AD9645BCPZ-80
Download  AD9645BCPZ-80 Download
File Size   966.38 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 14-Bit, 80 MSPS/125 MSPS, Serial LVDS

AD9645BCPZ-80 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9645BCPZ-80 Datasheet PDF - Analog Devices

Part # AD9645BCPZ-80
Download  AD9645BCPZ-80 Click to download

File Size   966.38 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 14-Bit, 80 MSPS/125 MSPS, Serial LVDS

AD9645BCPZ-80 Datasheet (HTML) - Analog Devices


AD9645BCPZ-80 Product details

GENERAL DESCRIPTION
The AD9645 is a dual, 14-bit, 80 MSPS/125 MSPS analog-to-digital converter (ADC) with an on-chip sample-and-hold circuit designed for low cost, low power, small size, and ease of use. The product operates at a conversion rate of up to 125 MSPS and is optimized for outstanding dynamic performance and low power in applications where a small package size is critical.

FEATURES
   1.8 V supply operation
   Low power: 122 mW per channel at 125 MSPS with scalable
      power options
   SNR = 74 dBFS (to Nyquist)
   SFDR = 91 dBc at 70 MHz
   DNL = ±0.65 LSB (typical); INL = ±1.5 LSB (typical)
   Serial LVDS (ANSI-644, default) and low power, reduced
      range option (similar to IEEE 1596.3)
   650 MHz full power analog bandwidth
   2 V p-p input voltage range
   Serial port control
      Full chip and individual channel power-down modes
      Flexible bit orientation
      Built-in and custom digital test pattern generation
      Clock divider
      Programmable output clock and data alignment
      Programmable output resolution
      Standby mode

APPLICATIONS
   Communications
   Diversity radio systems
   Multimode digital receivers
   GSM, EDGE, W-CDMA, LTE, CDMA2000, WiMAX, TD-SCDMA
   I/Q demodulation systems
   Smart antenna systems
   Broadband data applications
   Battery-powered instruments
   Handheld scope meters
   Portable medical imaging and ultrasound
   Radar/LIDAR




Similar Part No. - AD9645BCPZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9640 AD-AD9640 Datasheet
931Kb / 41P
14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Dec-2006
AD9640 AD-AD9640 Datasheet
1Mb / 54P
1.8V Dual Analog-to-Digital Converter
Rev. B
AD9640-105EBZ AD-AD9640-105EBZ Datasheet
1Mb / 52P
14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9640-105EBZ AD-AD9640-105EBZ Datasheet
1Mb / 54P
1.8V Dual Analog-to-Digital Converter
Rev. B
AD9640-125EBZ AD-AD9640-125EBZ Datasheet
1Mb / 52P
14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
More results


Similar Description - AD9645BCPZ-80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6245 TI-ADS6245 Datasheet
3Mb / 76P
DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
NXP Semiconductors
ADC1413D NXP-ADC1413D Datasheet
391Kb / 43P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 04-23 April 2010
ADC1413D NXP-ADC1413D_11 Datasheet
1Mb / 43P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 5-9 February 2011
ADC1413D_1106 PHILIPS-ADC1413D_1106 Datasheet
727Kb / 43P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;serial JESD204A interface
Rev. 6-8 June 2011
logo
Analog Devices
AD9253 AD-AD9253 Datasheet
1Mb / 40P
Quad, 14-Bit, 80 MSPS/105 MSPS/125 MSPS
REV. 0
logo
Integrated Device Techn...
ADC1412D IDT-ADC1412D Datasheet
605Kb / 41P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
ADC1413D IDT-ADC1413D Datasheet
665Kb / 41P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Analog Devices
AD9255BCPZRL7-80 AD-AD9255BCPZRL7-80 Datasheet
1Mb / 44P
14-Bit, 125 MSPS/105 MSPS/80 MSPS
REV. C
logo
Renesas Technology Corp
ADC1412D RENESAS-ADC1412D Datasheet
609Kb / 41P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com