Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN2390QI Datasheet (PDF) - Enpirion, Inc.

EN2390QI Datasheet PDF - Enpirion, Inc.
Part # EN2390QI
Download  EN2390QI Download
File Size   791.43 Kbytes
Page   21 Pages
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.
Description 9A Voltage Mode Synchronous Buck PWM

EN2390QI Datasheet (PDF)

Go To PDF Page Download Datasheet
EN2390QI Datasheet PDF - Enpirion, Inc.

Part # EN2390QI
Download  EN2390QI Click to download

File Size   791.43 Kbytes
Page   21 Pages
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.
Description 9A Voltage Mode Synchronous Buck PWM

EN2390QI Datasheet (HTML) - Enpirion, Inc.


EN2390QI Product details

Description
The EN2390QI is a Power System on a Chip (PowerSoC) DC-DC converter. It integrates MOSFET switches, small-signal control circuits, compensation and an integrated inductor in an advanced 11x10x3mm QFN module. It offers high efficiency, excellent line and load regulation over temperature.
The EN2390QI operates over a wide input voltage range and is specifically designed to meet the precise voltage and fast transient requirements of high performance products. The EN2390 features frequency synchronization to an external clock, power OK output voltage monitor, programmable soft-start along with thermal and over current protection. The device’s advanced circuit design, ultra high switching frequency and proprietary integrated inductor technology delivers high-quality, ultra compact, nonisolated DC-DC conversion.
The Enpirion solution significantly helps in system design and productivity by offering greatly simplified board design, layout and manufacturing requirements. In addition, overall system level reliability is improved given the small number of components required with the Enpirion solution.
All Enpirion products are RoHS compliant and lead free manufacturing environment compatible.

Features
• Integrated Inductor, MOSFETS, Controller
• Total Solution Size Estimate: 235mm2
• Wide Input Voltage Range: 4.5V – 14V
• 2% VOUT Accuracy (Over Line/Load/Temperature)
• Frequency Synchronization (External Clock)
• Output Enable Pin and Power OK Signal
• Programmable Soft-Start Time
• Under Voltage Lockout Protection (UVLO)
• Programmable Over Current Protection
• Thermal Shutdown and Short Circuit Protection
• RoHS compliant, MSL level 3, 260oC reflow

Applications
• Space Constrained Applications
• Distributed Power Architectures
• Output Voltage Ripple Sensitive Applications
• Beat Frequency Sensitive Applications
• Servers, Embedded Computing Systems,
   LAN/SAN Adapter Cards, RAID Storage Systems,
   Industrial Automation, Test and Measurement,
   and Telecommunications




Similar Part No. - EN2390QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN2340QI ENPIRION-EN2340QI Datasheet
1Mb / 20P
204A Voltage Mode Synchronous Buck PWM
logo
Altera Corporation
EN2340QI ALTERA-EN2340QI Datasheet
1Mb / 23P
Integrated Inductor
logo
Enpirion, Inc.
EN2340QI-E ENPIRION-EN2340QI-E Datasheet
1Mb / 20P
204A Voltage Mode Synchronous Buck PWM
logo
Altera Corporation
EN2342QI ALTERA-EN2342QI Datasheet
3Mb / 23P
4A PowerSoC Voltage Mode Synchronous PWM Buck with Integrated Inductor
logo
Enpirion, Inc.
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
More results


Similar Description - EN2390QI

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2011 FAIRCHILD-FAN2011 Datasheet
240Kb / 10P
1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
logo
Enpirion, Inc.
EN5330 ENPIRION-EN5330 Datasheet
409Kb / 11P
3A Voltage Mode Synchronous Buck PWM DC-DC Converter
logo
Fairchild Semiconductor
FAN2013 FAIRCHILD-FAN2013 Datasheet
549Kb / 9P
2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
logo
Enpirion, Inc.
EN5394QI ENPIRION-EN5394QI Datasheet
430Kb / 19P
Feature Rich 9A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN23F0QI ENPIRION-EN23F0QI Datasheet
1Mb / 26P
15A Voltage Mode Synchronous Buck PWM
EN2340QI ENPIRION-EN2340QI Datasheet
1Mb / 20P
204A Voltage Mode Synchronous Buck PWM
logo
Altera Corporation
EN5394QI ALTERA-EN5394QI Datasheet
1Mb / 19P
9A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
logo
ON Semiconductor
FAN65005A ONSEMI-FAN65005A Datasheet
1Mb / 26P
Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
FAN65008B ONSEMI-FAN65008B Datasheet
1Mb / 26P
Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
ACE Technology Co., LTD...
ACE758P ACE-ACE758P Datasheet
116Kb / 3P
1.5V Voltage Mode Synchronous PWM Buck with Integrated Inductor
VER 1.2
More results




About Enpirion, Inc.


Enpirion, Inc. was a fabless semiconductor company that specialized in high-efficiency power management solutions. The company was founded in 2001 and was headquartered in Hampton, New Jersey, USA. Enpirion developed and manufactured integrated power systems that integrated power MOSFETs, inductors, and other passive components into a single IC, providing highly efficient power solutions for a range of applications, including telecommunications, networking, data storage, and computing.

In 2014, Enpirion was acquired by Altera Corporation, which is now a subsidiary of Intel Corporation. After the acquisition, Enpirion's technology became part of Altera's power solutions portfolio, which focused on developing highly efficient power management solutions for Altera's field-programmable gate arrays (FPGAs) and system-on-chip (SoC) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com