Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP100A Datasheet (PDF) - Shenzhen Taychipst Electronic Co., Ltd

SRP100A Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd
Part # SRP100A
Download  SRP100A Download
File Size   9406.89 Kbytes
Page   2 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description FAST SWITCHING PLASTIC RECTIFIER

SRP100A Datasheet (PDF)

Go To PDF Page Download Datasheet
SRP100A Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd

Part # SRP100A
Download  SRP100A Click to download

File Size   9406.89 Kbytes
Page   2 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description FAST SWITCHING PLASTIC RECTIFIER

SRP100A Datasheet (HTML) - Shenzhen Taychipst Electronic Co., Ltd


SRP100A Product details

FEATURES

♦ Plastic package has Underwriters Laboratory

   Flammability Classification 94V-0

♦ High surge current capability

♦ Construction utilizes void-free molded plastic technique

♦ 1.0 Ampere operation at TA=55°C with no thermal runaway

♦ Fast switching for high efficiency

♦ High temperature soldering guaranteed: 250°C/10 seconds 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension



 




Similar Part No. - SRP100A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SRP100A GE-SRP100A Datasheet
44Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
SRP100A VISHAY-SRP100A Datasheet
71Kb / 4P
Fast Switching Plastic Rectifier
27-Oct-09
logo
SUNMATE electronic Co.,...
SRP100A SUNMATE-SRP100A Datasheet
431Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
logo
Vishay Siliconix
SRP100A VISHAY-SRP100A Datasheet
74Kb / 4P
Fast Switching Plastic Rectifier
29-Jul-13
SRP100A VISHAY-SRP100A_V01 Datasheet
74Kb / 4P
Fast Switching Plastic Rectifier
29-Jul-13
More results


Similar Description - SRP100A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SRP100A GE-SRP100A Datasheet
44Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Pan Jit International I...
PS200R PANJIT-PS200R_04 Datasheet
44Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
PS300R PANJIT-PS300R_04 Datasheet
36Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
FR151 CHENG-YI-FR151 Datasheet
104Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Pan Jit International I...
PS150R PANJIT-PS150R_09 Datasheet
49Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BA157 VISHAY-BA157_09 Datasheet
67Kb / 4P
Fast Switching Plastic Rectifier
26-Oct-09
GI820 VISHAY-GI820 Datasheet
76Kb / 4P
Fast Switching Plastic Rectifier
26-Oct-09
logo
Shenzhen Taychipst Elec...
SRP600A TAYCHIPST-SRP600A Datasheet
9Mb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Yea Shin Technology Co....
FR151 YEASHIN-FR151 Datasheet
73Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
1N4933 VISHAY-1N4933_V01 Datasheet
790Kb / 4P
Fast Switching Plastic Rectifier
01-Jul-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com