Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI87XX Datasheet (PDF) - Silicon Laboratories

SI87XX Datasheet PDF - Silicon Laboratories
Part # SI87XX
Download  SI87XX Download
File Size   400.85 Kbytes
Page   36 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS

SI87XX Datasheet (PDF)

Go To PDF Page Download Datasheet
SI87XX Datasheet PDF - Silicon Laboratories

Part # SI87XX
Download  SI87XX Click to download

File Size   400.85 Kbytes
Page   36 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS

SI87XX Datasheet (HTML) - Silicon Laboratories


SI87XX Product details

Description
The Si87xx isolators are pin-compatible, one-channel, drop-in replacements for popular optocouplers with data rates up to 15 Mbps. These devices isolate high-speed digital signals and offer performance, reliability, and flexibility advantages not available with optocoupler solutions. The Si87xx series is based on Silicon Labs proprietary CMOS isolation technology for low-power and high-speed operation and are resistant to the wear-out effects found in optocouplers that degrade performance with increasing temperature, forward current, and device age. As a result, the Si87xx series offer longer service life and dramatically higher reliability compared to optocouplers. Ordering options include open collector output with and without integrated pull-up resistor and output enable options.

Features
■ Pin-compatible, drop-in upgrades for popular high-speed digital optocouplers
■ Performance and reliability advantages vs. optocouplers
   • Resistant to temperature, age and forward current effects
   • 10x lower FIT rate for longer service life
   • Higher common-mode transient immunity: >50 kV/µs typical
   • Lower power and forward input diode current
■ PCB footprint compatible with optocoupler packaging
■ Wide range of product options
■ 1 channel diode emulator input
■ 3 to 30 V open collector output
■ Propagation delay 30 ns
■ Data rates dc to 15 Mbps
■ 3.75 and 5 kV reinforced isolation
   • UL, CSA, VDE
■ Wide operating temperature range
   • –40 to +125 °C
■ RoHS-compliant packages
   • SOIC-8
   • DIP8
   • SDIP6
   • LGA8

Applications
■ Industrial automation
■ Motor controls and drives
■ Isolated switch mode power supplies
■ Isolated data acquisition
■ Test and measurement equipment




Similar Part No. - SI87XX

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI87XX SKYWORKS-SI87XX Datasheet
1Mb / 38P
5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
January 25, 2022
logo
Silicon image
SI87XX-EVB SILICONIMAGE-SI87XX-EVB Datasheet
323Kb / 20P
Si87XX LED EMULATOR INPUT ISOLATOR EVALUATION BOARD USER?셎 GUIDE
Si87xxDIP8-KIT SILICONIMAGE-Si87xxDIP8-KIT Datasheet
323Kb / 20P
Si87XX LED EMULATOR INPUT ISOLATOR EVALUATION BOARD USER?셎 GUIDE
Si87xxLGA8-KIT SILICONIMAGE-Si87xxLGA8-KIT Datasheet
323Kb / 20P
Si87XX LED EMULATOR INPUT ISOLATOR EVALUATION BOARD USER?셎 GUIDE
Si87xxSDIP6-KIT SILICONIMAGE-Si87xxSDIP6-KIT Datasheet
323Kb / 20P
Si87XX LED EMULATOR INPUT ISOLATOR EVALUATION BOARD USER?셎 GUIDE
More results


Similar Description - SI87XX

ManufacturerPart #DatasheetDescription
logo
Silicon image
SI826X SILICONIMAGE-SI826X Datasheet
423Kb / 42P
5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
logo
Silicon Laboratories
SI8261AAC-C-IS SILABS-SI8261AAC-C-IS Datasheet
1Mb / 40P
5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
SI8715BC-A-IS SILABS-SI8715BC-A-IS Datasheet
1Mb / 35P
5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
logo
M-System Co.,Ltd.
5BX MSYSTEM-5BX Datasheet
162Kb / 3P
Dual Channel Input/Output Isolators 5-UNIT
5VS MSYSTEM-5VS Datasheet
96Kb / 2P
Dual Channel Input/Output Isolators 5-UNIT
logo
Analog Devices
ADUM2210 AD-ADUM2210_V01 Datasheet
465Kb / 17P
Dual-Channel Digital Isolators, 5 kV
Rev. F
logo
Skyworks Solutions Inc.
SI873X SKYWORKS-SI873X Datasheet
951Kb / 23P
Low Input Current LED Emulator, Logic Output Isolators
Revision 1.0 March, 2018
SI826X SKYWORKS-SI826X Datasheet
459Kb / 39P
5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
Rev 1.51
SI871X SKYWORKS-SI871X Datasheet
956Kb / 36P
5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
Rev. 1.01
SI87XX SKYWORKS-SI87XX Datasheet
1Mb / 38P
5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
January 25, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com