Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD1036F Datasheet (PDF) - Toshiba Semiconductor

TPD1036F Datasheet PDF - Toshiba Semiconductor
Part # TPD1036F
Download  TPD1036F Download
File Size   190.67 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers

TPD1036F Datasheet (PDF)

Go To PDF Page Download Datasheet
TPD1036F Datasheet PDF - Toshiba Semiconductor

Part # TPD1036F
Download  TPD1036F Click to download

File Size   190.67 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers

TPD1036F Datasheet (HTML) - Toshiba Semiconductor


TPD1036F Product details

2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers

The TPD1036F is a 2-IN-1 low-side switch.
The output has a vertical MOSFET, and the input can be directly driven from CMOS or TTL logic (e.g., an MPU). The IC provides intelligent protection functions.

Features
• Two built-in power IC chips with a structure that incorporates a control block and a vertical power MOSFET on each chip.
• Can be directly driven from a microprocessor, a CMOS logic IC, etc.
• Overvoltage (active clamp), overtemperature (thermal shutdown), and overcurrent (current limiter) protections are built in.
• Low ON-resistance: RDS (ON) = 0.5 Ω (max) (@VIN = 5 V, ID = 0.7 A, Tch = 25°C)
• Low drain cut-off current: IDSS = 10 μA (max) (@VIN = 0 V, VDS = 30 V, Tch = 25°C)
• Low input current: IIN = 300 μA (max) (@VIN = 5 V, Tch = -40 to 110°C)
• Housed in the 8-pin SOP package and supplied in embossed carrier tape.




Similar Part No. - TPD1036F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD1036F TOSHIBA-TPD1036F_13 Datasheet
196Kb / 9P
2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
More results


Similar Description - TPD1036F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD1030F TOSHIBA-TPD1030F Datasheet
112Kb / 5P
2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
01-Mar-2000
TPD1030F TOSHIBA-TPD1030F_07 Datasheet
175Kb / 6P
2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
31-Oct-2006
TPD1032F TOSHIBA-TPD1032F Datasheet
199Kb / 7P
2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
31-Oct-2006
TPD1046F TOSHIBA-TPD1046F Datasheet
283Kb / 11P
2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
02-Oct-2007
TPD1039F TOSHIBA-TPD1039F Datasheet
262Kb / 10P
Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1052F TOSHIBA-TPD1052F Datasheet
271Kb / 12P
High-side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1030F TOSHIBA-TPD1030F_13 Datasheet
175Kb / 6P
2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1032F TOSHIBA-TPD1032F_13 Datasheet
199Kb / 7P
2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1036F TOSHIBA-TPD1036F_13 Datasheet
196Kb / 9P
2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1046F TOSHIBA-TPD1046F_13 Datasheet
289Kb / 11P
2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com