Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF3001 Datasheet (PDF) - Shenzhen Taychipst Electronic Co., Ltd

UF3001 Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd
Part # UF3001
Download  UF3001 Download
File Size   3141.66 Kbytes
Page   2 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description ULTRA-FAST RECTIFIER

UF3001 Datasheet (PDF)

Go To PDF Page Download Datasheet
UF3001 Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd

Part # UF3001
Download  UF3001 Click to download

File Size   3141.66 Kbytes
Page   2 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description ULTRA-FAST RECTIFIER

UF3001 Datasheet (HTML) - Shenzhen Taychipst Electronic Co., Ltd


UF3001 Product details

FEATURES
 • Diffused Junction
 • Ultra-Fast Switching for High Efficiency
 • High Current Capability and Low Forward Voltage Drop
 • Surge Overload Rating to 150A Peak
 • Low Reverse Leakage Current
 • Plastic Material: UL Flammability Classification Rating 94V-0




Similar Part No. - UF3001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
UF3001 DIODES-UF3001 Datasheet
62Kb / 2P
3.0A ULTRA-FAST RECTIFIER
DS25004 Rev. E-2
logo
Fuji Electric
UF3001 FUJI-UF3001 Datasheet
701Kb / 1P
3 AMP ULTRA FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
UF3001 DIODES-UF3001 Datasheet
409Kb / 3P
3.0A ULTRA-FAST RECTIFIER
DS25004 Rev. 8 - 2
logo
Lite-On Technology Corp...
UF3001 LITEON-UF3001 Datasheet
37Kb / 2P
ULTRA FAST RECTIFIERS
logo
Compact Technology Corp...
UF3001 CTC-UF3001 Datasheet
37Kb / 2P
ULTRA FAST RECTIFIERS
More results


Similar Description - UF3001

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0065 SSDI-RC0065_15 Datasheet
48Kb / 2P
ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
Ultra Fast Rectifier
RU0019D SSDI-RU0019D_15 Datasheet
153Kb / 2P
Ultra Fast Rectifier
RU0073D SSDI-RU0073D_15 Datasheet
81Kb / 2P
ULTRA FAST RECTIFIER
RU0081 SSDI-RU0081_15 Datasheet
318Kb / 2P
ULTRA FAST RECTIFIER
RU0085 SSDI-RU0085_15 Datasheet
313Kb / 2P
ULTRA FAST RECTIFIER
RU0121D SSDI-RU0121D_15 Datasheet
46Kb / 2P
ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D_15 Datasheet
95Kb / 2P
ULTRA FAST RECTIFIER
logo
Jinan Jing Heng Electro...
UF4001 JINGHENG-UF4001 Datasheet
63Kb / 2P
ULTRA FAST RECTIFIER
logo
Inchange Semiconductor ...
DSEP40-03AS ISC-DSEP40-03AS Datasheet
278Kb / 2P
Ultra fast Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com