Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD2548R Datasheet (PDF) - Sony Corporation

CXD2548R Datasheet PDF - Sony Corporation
Part # CXD2548R
Download  CXD2548R Download
File Size   1286.25 Kbytes
Page   113 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CD Digital Signal Processor with Built-in Digital Servo and DAC

CXD2548R Datasheet (PDF)

Go To PDF Page Download Datasheet
CXD2548R Datasheet PDF - Sony Corporation

Part # CXD2548R
Download  CXD2548R Click to download

File Size   1286.25 Kbytes
Page   113 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CD Digital Signal Processor with Built-in Digital Servo and DAC

CXD2548R Datasheet (HTML) - Sony Corporation


CXD2548R Product details

Description
The CXD2548R is a digital signal processor LSI for CD players. This LSI incorporates a digital servo, digital filter, zero detection circuit, 1-bit DAC and analog low-pass filter on a single chip.

Features
• All digital signal processing during playback is performed with a single chip
• Highly integrated mounting possible due to a builtin RAM

Digital Signal Processor (DSP) Block
• Playback mode which supports CAV (Constant Angular Velocity)
    • Frame jitter free
    • 0.5 × to 2.5 × continuous playback possible
    • Allows relative rotational velocity readout
    • Supports spindle external control
• Wide capture range playback mode
    • Spindle rotational velocity following method
    • Supports normal-speed, double-speed playback
• 16K RAM
• EFM data demodulation
• Enhanced EFM frame sync signal protection
• SEC strategy-based error correction
• Subcode demodulation and Sub Q data error detection
• Digital spindle servo
• 16-bit traverse counter
• Asymmetry compensation circuit
• CPU interface on serial bus
• Error correction monitor signal, etc. output from a new CPU interface
• Servo auto sequencer
• Digital audio interface outputs
• Digital level meter, peak meter

Digital Servo (DSSP) Block
• Microcomputer software-based flexible servo control
• Offset cancel function for servo error signal
• Auto gain control function for servo loop
• E:F balance, focus bias adjustment functions
• Surf jump function supporting micro two-axis

Digital Filter, DAC and Analog Low-Pass Filter Blocks
• Digital de-emphasis
• Digital attenuation
• Zero detection function
• 8Fs oversampling digital filter
• S/N: 100dB or more (master clock: 384Fs, typ.)
• THD + N: 0.007% or more (master clock: 384Fs, typ.)
• Rejection band attenuation: –60dB or more

Applications
    CD players




Similar Part No. - CXD2548R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2540Q-2 SONY-CXD2540Q-2 Datasheet
1Mb / 61P
CD DIGITAL SIGNAL PROCESSOR
CXD2545Q SONY-CXD2545Q Datasheet
5Mb / 102P
CD DIGITAL SIGNAL PROCESSOR WITH BUILT-IN DIGITAL SERV
More results


Similar Description - CXD2548R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2597Q SONY-CXD2597Q Datasheet
881Kb / 115P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3003R SONY-CXD3003R Datasheet
1Mb / 137P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3005R SONY-CXD3005R Datasheet
1Mb / 136P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3017Q SONY-CXD3017Q Datasheet
1Mb / 117P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3021R SONY-CXD3021R Datasheet
1Mb / 161P
CD Digital Signal Processor with Built-in Digital Servo and DAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com