Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA78RXX Datasheet (PDF) - Tiger Electronic Co.,Ltd

KIA78RXX Datasheet PDF - Tiger Electronic Co.,Ltd
Part # KIA78RXX
Download  KIA78RXX Download
File Size   2802.48 Kbytes
Page   7 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description 1A Low Dropout Voltage Regulator With ON/OFF Control

KIA78RXX Datasheet (PDF)

Go To PDF Page Download Datasheet
KIA78RXX Datasheet PDF - Tiger Electronic Co.,Ltd

Part # KIA78RXX
Download  KIA78RXX Click to download

File Size   2802.48 Kbytes
Page   7 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description 1A Low Dropout Voltage Regulator With ON/OFF Control

KIA78RXX Datasheet (HTML) - Tiger Electronic Co.,Ltd


KIA78RXX Product details

DESCRIPTIONS:
The KIA78RXX is a low drop voltage regulator suitable for various electronic equipment. The output current is up to 1.0A and dropout voltage is 0.5V typ. at Io=1.0A. This regulator has various function such as peak current protection, thermal shut down, over voltage protection and output disable function.

FEATURES
• 1.0A output low drop voltage regulator.
• Built in ON/OFF control terminal.
• Built in over current protection, over heat protection function.




Similar Part No. - KIA78RXX

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78R000F KEC-KIA78R000F Datasheet
103Kb / 10P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
SEMICONDUCTOR
KIA78R000F/PI KEC-KIA78R000F/PI Datasheet
103Kb / 10P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R000F/PI KEC-KIA78R000F/PI Datasheet
108Kb / 10P
SEMICONDUCTOR
KIA78R000F KEC-KIA78R000F_15 Datasheet
108Kb / 10P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Similar Description - KIA78RXX

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_06 Datasheet
155Kb / 14P
300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
logo
Toshiba Semiconductor
TA48S015AF TOSHIBA-TA48S015AF Datasheet
251Kb / 11P
1A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
logo
Tiger Electronic Co.,Lt...
KIA78R25F TGS-KIA78R25F Datasheet
2Mb / 7P
1A Low Dropout Voltage Regulator With ON/OFF Control
logo
New Japan Radio
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
NJM2387A NJRC-NJM2387A Datasheet
272Kb / 10P
ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com