Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UH1A Datasheet (PDF) - Shenzhen Taychipst Electronic Co., Ltd

UH1A Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd
Part # UH1A
Download  UH1A Download
File Size   3220.6 Kbytes
Page   2 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description Surface Mount Ultrafast Rectifiers

UH1A Datasheet (PDF)

Go To PDF Page Download Datasheet
UH1A Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd

Part # UH1A
Download  UH1A Click to download

File Size   3220.6 Kbytes
Page   2 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description Surface Mount Ultrafast Rectifiers

UH1A Datasheet (HTML) - Shenzhen Taychipst Electronic Co., Ltd


UH1A Product details

FEATURES
• Low profile package
• Ideal for automated placement
• Oxide planar chip junction
• Ultrafast recovery times for high frequency
• Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC




Similar Part No. - UH1A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UH10FT VISHAY-UH10FT Datasheet
138Kb / 5P
Ultrafast Recovery Rectifier
13-May-08
UH10FT VISHAY-UH10FT Datasheet
129Kb / 5P
Ultrafast Recovery Rectifier
Revision: 13-May-08
logo
Inchange Semiconductor ...
UH10FT ISC-UH10FT Datasheet
280Kb / 2P
Ultrafast Recovery Diode
logo
Vishay Siliconix
UH10FT-E3/4W VISHAY-UH10FT-E3/4W Datasheet
138Kb / 5P
Ultrafast Recovery Rectifier
13-May-08
UH10FT VISHAY-UH10FT_V01 Datasheet
129Kb / 5P
Ultrafast Recovery Rectifier
Revision: 13-May-08
More results


Similar Description - UH1A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MURA105 EIC-MURA105 Datasheet
43Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIERS
MURA160 EIC-MURA160 Datasheet
43Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIERS
logo
ON Semiconductor
MURS360BT3 ONSEMI-MURS360BT3 Datasheet
98Kb / 5P
Surface Mount Ultrafast Power Rectifiers
June, 2007 - Rev. 1
logo
Vishay Siliconix
UH1B VISHAY-UH1B Datasheet
106Kb / 5P
Surface Mount Ultrafast Rectifiers
12-Jun-08
logo
SynSemi, Inc.
MURA105 SYNSEMI-MURA105 Datasheet
39Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIERS
logo
Vishay Siliconix
MUH1PB VISHAY-MUH1PB Datasheet
94Kb / 4P
Surface Mount Ultrafast Rectifiers
19-Apr-11
logo
Shenzhen Taychipst Elec...
US2AA TAYCHIPST-US2AA Datasheet
3Mb / 2P
Surface Mount Ultrafast Rectifiers
logo
Yea Shin Technology Co....
U1A YEASHIN-U1A Datasheet
56Kb / 2P
Surface Mount Ultrafast Rectifiers
logo
Taiwan Semiconductor Co...
TPUH6D TSC-TPUH6D Datasheet
381Kb / 4P
Surface Mount Ultrafast Rectifiers
logo
Vishay Siliconix
MUH1PB VISHAY-MUH1PB_V01 Datasheet
94Kb / 4P
Surface Mount Ultrafast Rectifiers
19-Apr-11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com