Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALE2045T3 Datasheet (PDF) - Advanced Semiconductor Business Inc.

ALE2045T3 Datasheet PDF - Advanced Semiconductor Business Inc.
Part # ALE2045T3
Download  ALE2045T3 Download
File Size   463.28 Kbytes
Page   4 Pages
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.
Description Internally Matched LNA Module

ALE2045T3 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALE2045T3 Datasheet PDF - Advanced Semiconductor Business Inc.

Part # ALE2045T3
Download  ALE2045T3 Click to download

File Size   463.28 Kbytes
Page   4 Pages
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.
Description Internally Matched LNA Module

ALE2045T3 Datasheet (HTML) - Advanced Semiconductor Business Inc.


ALE2045T3 Product details

Description
The plerowTM ALE-series is the compactly designed surface-mount module for the use of the LNA with or without the following gain blocks in the infrastructure equipment of the mobile wireless (CDMA, GSM, PCS, PHS, WCDMA, DMB, WLAN, WiBro, WiMAX), GPS, satellite communication terminals, CATV and so on. It has an exceptional performance of low noise figure, high gain, high OIP3, and low bias current. The stability factor is always kept more than unity over the application band in order to ensure its unconditionally stable implementation to the application system environment. The surface-mount module package including the completed matching circuit and other components necessary just in case allows very simple and convenient implementation onto the system board in mass production level.

Features
• S21 = 25.7 dB @ 1920 MHz
          = 24.3 dB @ 2170 MHz
• NF of 0.70 dB over Frequency
• Unconditionally Stable
• Single 5V Supply
• High OIP3 @ Low Current




Similar Part No. - ALE2045T3

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ALE2045T3 ASB-ALE2045T3 Datasheet
232Kb / 4P
Internally Matched LNA Module
September 2017
ALE2045T3 ASB-ALE2045T3_13 Datasheet
574Kb / 4P
Internally Matched LNA Module
August 2009
ALE2045T3 ASB-ALE2045T3_17 Datasheet
232Kb / 4P
Internally Matched LNA Module
September 2017
More results


Similar Description - ALE2045T3

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ALE2350T2 ASB-ALE2350T2 Datasheet
413Kb / 3P
Internally Matched LNA Module
July 2009
ALE3025T2 ASB-ALE3025T2 Datasheet
415Kb / 3P
Internally Matched LNA Module
April 2010
ALE3500T2 ASB-ALE3500T2 Datasheet
422Kb / 3P
Internally Matched LNA Module
March 2010
ALN0113 ASB-ALN0113 Datasheet
370Kb / 3P
Internally Matched LNA Module
February 2012
ALN0855 ASB-ALN0855 Datasheet
409Kb / 3P
Internally Matched LNA Module
December 2009
ALN0910 ASB-ALN0910 Datasheet
421Kb / 3P
Internally Matched LNA Module
August 2011
ALN1220AT ASB-ALN1220AT Datasheet
443Kb / 4P
Internally Matched LNA Module
June 2009
ALN1922 ASB-ALN1922 Datasheet
449Kb / 4P
Internally Matched LNA Module
February 2011
ALN1956 ASB-ALN1956_13 Datasheet
481Kb / 3P
Internally Matched LNA Module
June 2010
ALN1972T2 ASB-ALN1972T2 Datasheet
597Kb / 3P
Internally Matched LNA Module
January 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com