Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2907AHR Datasheet (PDF) - STMicroelectronics

2N2907AHR Datasheet PDF - STMicroelectronics
Part # 2N2907AHR
Download  2N2907AHR Download
File Size   363.06 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Hi-Rel 60 V - 0.6 A PNP transistor

2N2907AHR Datasheet (PDF)

Go To PDF Page Download Datasheet
2N2907AHR Datasheet PDF - STMicroelectronics

Part # 2N2907AHR
Download  2N2907AHR Click to download

File Size   363.06 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Hi-Rel 60 V - 0.6 A PNP transistor

2N2907AHR Datasheet (HTML) - STMicroelectronics


2N2907AHR Product details

Description
The 2N2907AHR is a silicon planar PNP transistor specifically designed and housed in hermetic packages for aerospace and Hi-Rel applications. It is available in the JAN qualification system (MIL-PRF19500 compliance) and in the ESCC qualification system (ESCC 5000 compliance). In case of discrepancies between this datasheet and the relevant agency specification, the latter takes precedence.
   
Features   
• Hermetic packages
• ESCC and JANS qualified
• European preferred part list EPPL
   




Similar Part No. - 2N2907AHR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N2907AHR STMICROELECTRONICS-2N2907AHR Datasheet
478Kb / 21P
Hi-Rel 60 V, 0.6 A PNP transistor
18-Sep-2013
2N2907AHR STMICROELECTRONICS-2N2907AHR_V01 Datasheet
276Kb / 14P
Rad-hard 60 V, 0.6 A PNP transistor
10-Feb-2022
More results


Similar Description - 2N2907AHR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N2222AHR STMICROELECTRONICS-2N2222AHR Datasheet
429Kb / 18P
Hi-Rel 40 V - 0.8 A NPN transistor
14-May-2012
2N2484HR STMICROELECTRONICS-2N2484HR Datasheet
306Kb / 12P
Hi-Rel NPN bipolar transistor 60 V - 50 mA
09-Jul-2010
2N2905AHR STMICROELECTRONICS-2N2905AHR Datasheet
165Kb / 8P
Hi-Rel PNP bipolar transistor 60 V, 0.6 A
04-Oct-2012
2N2920AHR STMICROELECTRONICS-2N2920AHR Datasheet
160Kb / 9P
Hi-Rel NPN dual matched bipolar transistor 60 V - 0.03 A
05-Jan-2010
2N5153HR STMICROELECTRONICS-2N5153HR Datasheet
557Kb / 10P
Hi-Rel PNP bipolar transistor 80 V - 5 A
12-Sep-2012
2N5154HR STMICROELECTRONICS-2N5154HR Datasheet
556Kb / 10P
Hi-Rel NPN bipolar transistor 80 V - 5 A
12-Sep-2012
2N5401HR STMICROELECTRONICS-2N5401HR Datasheet
222Kb / 10P
Hi-Rel PNP bipolar transistor 150 V, 0.5 A
10-Oct-2012
2N5551HR STMICROELECTRONICS-2N5551HR Datasheet
286Kb / 10P
Hi-Rel NPN bipolar transistor 160 V - 0.5 A
12-Jul-2010
SOC2907A STMICROELECTRONICS-SOC2907A Datasheet
478Kb / 21P
Hi-Rel 60 V, 0.6 A PNP transistor
18-Sep-2013
2N2907AHR STMICROELECTRONICS-2N2907AHR_V01 Datasheet
276Kb / 14P
Rad-hard 60 V, 0.6 A PNP transistor
10-Feb-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com