Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW81HR Datasheet (PDF) - STMicroelectronics

BYW81HR Datasheet PDF - STMicroelectronics
Part # BYW81HR
Download  BYW81HR Download
File Size   92.65 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Aerospace 1 x 15 A and 2 x 15 A - 200 V fast recovery rectifier

BYW81HR Datasheet (PDF)

Go To PDF Page Download Datasheet
BYW81HR Datasheet PDF - STMicroelectronics

Part # BYW81HR
Download  BYW81HR Click to download

File Size   92.65 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Aerospace 1 x 15 A and 2 x 15 A - 200 V fast recovery rectifier

BYW81HR Datasheet (HTML) - STMicroelectronics


BYW81HR Product details

Description
Packaged in hermetic TO-254 or SMD.5, this device is intended for use in medium voltage, high frequency switching mode power supplies, high frequency DC to DC converters, and other aerospace applications.
The complete ESCC specification for this device is available from the European Space Agency web site. ST guarantees full compliance of qualified parts with such ESCC detailed specifications.

Features
■ Very small conduction losses
■ Negligible switching losses
■ High surge current capability
■ High avalanche energy capability
■ Hermetic packages
■ Target radiation qualification:
    – 150 krad (Si) low dose rate
    – 1 Mrad high dose rate
■ ESCC qualified




Similar Part No. - BYW81HR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYW81 STMICROELECTRONICS-BYW81 Datasheet
67Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Insulatingvoltage
logo
New Jersey Semi-Conduct...
BYW81-100 NJSEMI-BYW81-100 Datasheet
84Kb / 1P
RECTIFIER DIODES
BYW81-100R NJSEMI-BYW81-100R Datasheet
84Kb / 1P
RECTIFIER DIODES
BYW81-150 NJSEMI-BYW81-150 Datasheet
84Kb / 1P
RECTIFIER DIODES
BYW81-150R NJSEMI-BYW81-150R Datasheet
84Kb / 1P
RECTIFIER DIODES
More results


Similar Description - BYW81HR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
STPS30L30CGPBF VISHAY-STPS30L30CGPBF_10 Datasheet
103Kb / 6P
Schottky Rectifier, 2 x 15 A
16-Mar-10
30CPQ080GPBF VISHAY-30CPQ080GPBF_12 Datasheet
182Kb / 7P
Schottky Rectifier, 2 x 15 A
02-Dec-11
30CTQ080PBF VISHAY-30CTQ080PBF_12 Datasheet
174Kb / 7P
Schottky Rectifier, 2 x 15 A
26-Aug-11
MBR3035WTPBF VISHAY-MBR3035WTPBF_12 Datasheet
162Kb / 7P
Schottky Rectifier, 2 x 15 A
30-Aug-11
logo
STMicroelectronics
BYV52HR STMICROELECTRONICS-BYV52HR Datasheet
82Kb / 8P
Aerospace 30 A - 200 V fast recovery rectifier
14-Apr-2010
BYV54HR STMICROELECTRONICS-BYV54HR Datasheet
82Kb / 8P
Aerospace 40 A - 200 V fast recovery rectifier
08-Jul-2010
STPS20100HR STMICROELECTRONICS-STPS20100HR Datasheet
91Kb / 10P
Aerospace 1 x 20 and 2 x 20 A - 100 V Schottky rectifier
25-Mar-2010
logo
Vishay Siliconix
VS-32CTQ025PBF VISHAY-VS-32CTQ025PBF_15 Datasheet
113Kb / 6P
Schottky Rectifier, 2 x 15 A
11-Oct-11
32CTQS VISHAY-32CTQS Datasheet
122Kb / 6P
Schottky Rectifier, 2 x 15 A
21-Aug-08
VS-25CTQPBF VISHAY-VS-25CTQPBF Datasheet
171Kb / 7P
Schottky Rectifier, 2 x 15 A
26-Aug-11
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com