Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6370Q Datasheet (PDF) - STMicroelectronics

L6370Q Datasheet PDF - STMicroelectronics
Part # L6370Q
Download  L6370Q Download
File Size   270.15 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.5 A single high-side smart power switch

L6370Q Datasheet (PDF)

Go To PDF Page Download Datasheet
L6370Q Datasheet PDF - STMicroelectronics

Part # L6370Q
Download  L6370Q Click to download

File Size   270.15 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.5 A single high-side smart power switch

L6370Q Datasheet (HTML) - STMicroelectronics


L6370Q Product details

Description
The L6370Q is a monolithic intelligent power switch in BCDmultipower technology to drive inductive or resistive loads. An internal clamping diode enables the fast demagnetization of inductive loads. Diagnostic for CPU feedback and extensive use of electrical protections make this device extremely rugged and especially suitable for industrial automation applications.

Features
• 9.5 V to 35 V supply voltage range
• Internal current limit
• Thermal shutdown
• Open ground protection
• Internal negative voltage clamping for fast demagnetization (Vs - 50 V)
• Differential inputs with large common mode range and threshold hysteresis
• Undervoltage lockout with hysteresis
• Open load detection
• Two diagnostic outputs
• Output status LED driver
• Non-dissipative short-circuit protection
• Surge and transient protection (IEC61000-4-5)
• Burst transient immunity (IEC61000-4-4)
• ESD protection (human body model ±2 kV)

Applications
• Programmable logic controller
• Industrial PC peripheral input/output
• Numerical control machines
• Drivers for all loads (resistive, capacitive, inductive load)




Similar Part No. - L6370Q

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6370Q STMICROELECTRONICS-L6370Q Datasheet
329Kb / 17P
2.5 A single high-side smart power switch
24-Jan-2013
L6370QTR STMICROELECTRONICS-L6370QTR Datasheet
329Kb / 17P
2.5 A single high-side smart power switch
24-Jan-2013
More results


Similar Description - L6370Q

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
Smart High-Side Power Switch
V1.1, 2007-05-29
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
Smart High-Side Power Switch
V1.0, 2007-05-13
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
Smart High-Side Power Switch
V1.1, 2007-05-29
logo
STMicroelectronics
L6370QTR STMICROELECTRONICS-L6370QTR Datasheet
329Kb / 17P
2.5 A single high-side smart power switch
24-Jan-2013
logo
Infineon Technologies A...
BTT6010-1EKB INFINEON-BTT6010-1EKB_15 Datasheet
1Mb / 48P
Smart High-Side Power Switch Single Channel
Rev. 1.0, 2015-10-01
BTT6020-1EKA INFINEON-BTT6020-1EKA_15 Datasheet
2Mb / 54P
Smart High-Side Power Switch Single Channel
Rev. 1.1, 2015-03-04
BTT6050-1EKA INFINEON-BTT6050-1EKA_15 Datasheet
2Mb / 54P
Smart High-Side Power Switch Single Channel
Rev. 1.1, 2015-03-04
logo
Texas Instruments
TPS1HC100B-Q1 TI-TPS1HC100B-Q1 Datasheet
2Mb / 44P
TPS1HC100-Q1, 100-m廓, 2.5-A Single-Channel Smart High-Side Switch
JULY 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com