Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD350E Datasheet (PDF) - STMicroelectronics

TD350E Datasheet PDF - STMicroelectronics
Part # TD350E
Download  TD350E Download
File Size   258.2 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Advanced IGBT/MOSFET driver

TD350E Datasheet (PDF)

Go To PDF Page Download Datasheet
TD350E Datasheet PDF - STMicroelectronics

Part # TD350E
Download  TD350E Click to download

File Size   258.2 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Advanced IGBT/MOSFET driver

TD350E Datasheet (HTML) - STMicroelectronics


TD350E Product details

Description

This device is an advanced gate driver for IGBTs and power MOSFETs. Control and protection functions are included and allow the design of high reliability systems. The innovative active Miller clamp function eliminates the need for negative gate drive in most applications and allows the use of a simple bootstrap supply for the high side driver.



Features

■ 1.5 A source/2.3 A sink (typ) gate drive

■ Active Miller clamp feature

■ Two-level turn-off with adjustable level and delay

■ Desaturation detection

■ Fault status output

■ Negative gate drive capability

■ Input compatible with pulse transformer or optocoupler

■ Separate sink and source outputs for easy gate driving

■ UVLO protection

■ 2 kV ESD protection (HBM)



Applications

■ 1200 V, 3-phase inverters

■ Motor control

■ UPS systems




Similar Part No. - TD350E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD350 STMICROELECTRONICS-TD350 Datasheet
161Kb / 11P
Advanced IGBT/MOSFET Driver
Aug-2004
TD350 STMICROELECTRONICS-TD350 Datasheet
234Kb / 17P
Advanced IGBT/MOSFET driver
28-Apr-2010
logo
Topstek Inc.
TD350A TOPSTEK-TD350A Datasheet
98Kb / 2P
Topstek Current Transducers
logo
STMicroelectronics
TD350ID STMICROELECTRONICS-TD350ID Datasheet
161Kb / 11P
Advanced IGBT/MOSFET Driver
Aug-2004
TD350ID STMICROELECTRONICS-TD350ID Datasheet
234Kb / 17P
Advanced IGBT/MOSFET driver
28-Apr-2010
More results


Similar Description - TD350E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD351 STMICROELECTRONICS-TD351 Datasheet
157Kb / 12P
Advanced IGBT/MOSFET Driver
TD350 STMICROELECTRONICS-TD350 Datasheet
161Kb / 11P
Advanced IGBT/MOSFET Driver
Aug-2004
TD352 STMICROELECTRONICS-TD352 Datasheet
179Kb / 13P
Advanced IGBT/MOSFET Driver
Dec-2004
logo
Mitsubishi Electric Sem...
M63975FP MITSUBISHI-M63975FP Datasheet
47Kb / 5P
IGBT MOSFET DRIVER
logo
STMicroelectronics
TD350 STMICROELECTRONICS-TD350_10 Datasheet
234Kb / 17P
Advanced IGBT/MOSFET driver
28-Apr-2010
TD351 STMICROELECTRONICS-TD351_11 Datasheet
249Kb / 19P
Advanced IGBT/MOSFET driver
16-Jun-2011
TD352 STMICROELECTRONICS-TD352_11 Datasheet
241Kb / 18P
Advanced IGBT/MOSFET driver
13-Jun-2011
TD35 STMICROELECTRONICS-TD35 Datasheet
249Kb / 19P
Advanced IGBT/MOSFET driver
June 2011 Rev 2
logo
NXP Semiconductors
MC33GD3100 NXP-MC33GD3100 Datasheet
508Kb / 18P
Advanced IGBT/SiC gate driver
Rev. 9.0 - 5 March 2020
MC33GD3100 NXP-MC33GD3100_V01 Datasheet
480Kb / 21P
Advanced IGBT/SiC gate driver
Rev. 10.0 - 29 September 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com