Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX602 Datasheet (PDF) - Advanced Semiconductor Business Inc.

ASX602 Datasheet PDF - Advanced Semiconductor Business Inc.
Part # ASX602
Download  ASX602 Download
File Size   1164.71 Kbytes
Page   14 Pages
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.
Description 400-3000 MHz MMIC Amplifier

ASX602 Datasheet (PDF)

Go To PDF Page Download Datasheet
ASX602 Datasheet PDF - Advanced Semiconductor Business Inc.

Part # ASX602
Download  ASX602 Click to download

File Size   1164.71 Kbytes
Page   14 Pages
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.
Description 400-3000 MHz MMIC Amplifier

ASX602 Datasheet (HTML) - Advanced Semiconductor Business Inc.


ASX602 Product details

Description
The ASX602, a power amplifier MMIC, has a high linearity, high gain, and high efficiency over a wide range of frequency, being suitable for use in both receiver and transmitter of telecommunication systems up to 3 GHz. The amplifier is available in an SOIC-8 package and passes through the stringent DC, RF, and reliability tests.

Features
• 10.5 dB Gain at 2000 MHz
• 33 dBm P1dB at 2000 MHz
• 48 dBm OIP3 at 2000 MHz
• MTTF > 100 Years

Application Circuit
• LTE (740MHz)
• 900 MHz
• RFID (USA)
• 1240 ~ 1280 MHz
• 1600 MHz
• 2000 MHz
• 2400 MHz
• 1710 ~ 1785 MHz(Balanced)
• 2000 ~ 2200 MHz(Balanced)




Similar Part No. - ASX602

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASX602 ASB-ASX602 Datasheet
1Mb / 16P
400 ~ 3000 MHz MMIC Amplifier
February 2017
ASX602 ASB-ASX602_17 Datasheet
1Mb / 16P
400 ~ 3000 MHz MMIC Amplifier
February 2017
More results


Similar Description - ASX602

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SPF-5043Z SIRENZA-SPF-5043Z Datasheet
137Kb / 6P
400-3000 MHz, GaAs pHEMT Low Noise MMIC Amplifier
SPF-5122Z SIRENZA-SPF-5122Z Datasheet
141Kb / 6P
400-3000 MHz, GaAs pHEMT Low Noise MMIC Amplifier
logo
Advanced Semiconductor ...
ASX401 ASB-ASX401 Datasheet
3Mb / 33P
250-3000 MHz MMIC Amplifier
September 2012
ASF255 ASB-ASF255 Datasheet
433Kb / 6P
5-3000 MHz MMIC Amplifier
September 2012
ASX403 ASB-ASX403 Datasheet
312Kb / 5P
400-3000 MHz MMIC Amplifier
August 2010
ASX620 ASB-ASX620 Datasheet
654Kb / 8P
250-3000 MHz MMIC Amplifier
September 2012
ASL13W ASB-ASL13W_13 Datasheet
863Kb / 15P
5-3000 MHz MMIC Amplifier
November 2012
ASX403 ASB-ASX403_17 Datasheet
833Kb / 7P
400 ~ 3000 MHz MMIC Amplifier
February 2017
ASX602 ASB-ASX602_17 Datasheet
1Mb / 16P
400 ~ 3000 MHz MMIC Amplifier
February 2017
ASX620 ASB-ASX620_17 Datasheet
1,007Kb / 10P
150 ~ 3000 MHz MMIC Amplifier
February 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com