Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXG1008 Datasheet (PDF) - Sony Corporation

CXG1008 Datasheet PDF - Sony Corporation
Part # CXG1008
Download  CXG1008 Download
File Size   92.53 Kbytes
Page   7 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description High Isolation SPDT Switch

CXG1008 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXG1008 Datasheet PDF - Sony Corporation

Part # CXG1008
Download  CXG1008 Click to download

File Size   92.53 Kbytes
Page   7 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description High Isolation SPDT Switch

CXG1008 Datasheet (HTML) - Sony Corporation


CXG1008 Product details

Description
The CXG1008N is a high isolation SPDT switch suitable for Digital Cellular applications, Cable TV and so on. This device is part of a growing family of MMIC Antenna switches for digital cellular and cordless radios. It uses the state-of-the-art Sony GaAs JFET process.

Features
• Positive voltage supply only
• Ultra high isolation, typically 58 dB (GSM 900)
• Low insertion loss, typically 0.7 dB at 20 dBm input level (GSM 900)
• Stable Characteristics over wide temperature range
• Fast switching-50 ns Typical
• Low current consumption, 50 µA typical at 3.0 V
• 8 pin SSOP package (3.0 × 6.4 mm)

Applications
• Basestation LO switching (GSM900/1800/1900, PHS)
• Other Low Power SPDT applications requiring high isolation (e.g. Cable TV)




Similar Part No. - CXG1008

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1006N SONY-CXG1006N Datasheet
71Kb / 4P
High-Frequency SPDT Antenna Switch
CXG1006N SONY-CXG1006N Datasheet
81Kb / 7P
GSM900/1800/1900 SPDT TX/RX Switch
CXG1009TN SONY-CXG1009TN Datasheet
54Kb / 4P
High Isolation SPDT Switch
More results


Similar Description - CXG1008

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1009TN SONY-CXG1009TN Datasheet
54Kb / 4P
High Isolation SPDT Switch
logo
M/A-COM Technology Solu...
MASW-008543_V2 MA-COM-MASW-008543_V2 Datasheet
228Kb / 4P
SPDT High Isolation Terminated Switch
MASWSS0178_V4 MA-COM-MASWSS0178_V4 Datasheet
192Kb / 4P
SPDT High Isolation Terminated Switch
MASW-008543 MA-COM-MASW-008543_15 Datasheet
698Kb / 5P
SPDT High Isolation Terminated Switch
logo
TriQuint Semiconductor
TQC0015 TRIQUINT-TQC0015_15 Datasheet
1Mb / 7P
High Isolation, Absorptive SPDT Switch
TQP4M0009 TRIQUINT-TQP4M0009_15 Datasheet
609Kb / 8P
High Isolation Reflective SPDT Switch
TQP4M0010 TRIQUINT-TQP4M0010_15 Datasheet
907Kb / 9P
High Isolation Absorptive SPDT Switch
logo
RF Micro Devices
RFSW6124 RFMD-RFSW6124 Datasheet
1Mb / 14P
Absorptive High Isolation SPDT Switch
logo
M/A-COM Technology Solu...
MASWSS0103 MA-COM-MASWSS0103_15 Datasheet
707Kb / 5P
SPDT High Isolation CATV Switch
MASWSS0121 MA-COM-MASWSS0121_15 Datasheet
587Kb / 4P
SPDT High Isolation Terminated Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com