Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE42451 Datasheet (PDF) - Peregrine Semiconductor Corp.

PE42451 Datasheet PDF - Peregrine Semiconductor Corp.
Part # PE42451
Download  PE42451 Download
File Size   619.85 Kbytes
Page   11 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description SP5T Absorptive UltraCMOS

PE42451 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE42451 Datasheet PDF - Peregrine Semiconductor Corp.

Part # PE42451
Download  PE42451 Click to download

File Size   619.85 Kbytes
Page   11 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description SP5T Absorptive UltraCMOS

PE42451 Datasheet (HTML) - Peregrine Semiconductor Corp.


PE42451 Product details

Product Description
The PE42451 is a HaRP™-enhanced Absorptive SP5T RF Switch developed on the UltraCMOS™ process technology. This general purpose switch is comprised of five symmetric RF ports and has very high isolation. An on-chip CMOS decode logic facilitates a three-pin low voltage CMOS control interface and an optional external Vss feature (VssEXT). High ESD tolerance and no blocking capacitor requirements make this the ultimate in integration and ruggedness.

Features
• HaRP™-enhanced UltraCMOS™ device
• Five symmetric, absorptive RF ports
• High Isolation:
    • 68 dB at 450 MHz
    • 62 dB at 900 MHz
    • 55 dB at 2100 MHz
    • 53 dB at 2600 MHz
    • 50 dB at 4000 MHz
• IIP2 of 95 dBm, IIP3 of 58 dBm
• High ESD tolerance of 3500 V HBM
• Optional External Vss Control (VssEXT)
• Three pin CMOS logic control
• No blocking capacitors required
• Small RoHS-Compliant 24-lead 4x4 mm QFN package




Similar Part No. - PE42451

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42451 PSEMI-PE42451 Datasheet
619Kb / 11P
SP5T Absorptive UltraCMOS High-Isolation RF Switch
logo
Peregrine Semiconductor...
PE42451 PEREGRINE-PE42451 Datasheet
619Kb / 11P
SP5T Absorptive UltraCMOS
logo
Peregrine Semiconductor
PE42451MLIAA-Z PSEMI-PE42451MLIAA-Z Datasheet
352Kb / 11P
SP5T Absorptive UltraCMOS짰 High-Isolation RF Switch 450-4000 MHz, VssEXT option
PE42451 PSEMI-PE42451_14 Datasheet
403Kb / 11P
SP5T Absorptive UltraCMOS짰 High-Isolation RF Switch
logo
Peregrine Semiconductor...
PE42451 PEREGRINE-PE42451_15 Datasheet
619Kb / 11P
High-Isolation RF Switch
More results


Similar Description - PE42451

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GG75020 MICROSEMI-GG75020 Datasheet
97Kb / 2P
ABSORPTIVE SP5T SWITCH MODULES
logo
Peregrine Semiconductor
PE4246 PSEMI-PE4246 Datasheet
462Kb / 8P
Absorptive SPST UltraCMOS RF Switch
PE42451 PSEMI-PE42451 Datasheet
619Kb / 11P
SP5T Absorptive UltraCMOS High-Isolation RF Switch
logo
SIPAT Co,Ltd
SP42450 SIPAT-SP42450 Datasheet
309Kb / 10P
SP5T Absorptive Silicon-on-Sapphire
logo
Peregrine Semiconductor
PE4246 PSEMI-PE4246_14 Datasheet
1Mb / 8P
Absorptive SPST UltraCMOS?
PE4257 PSEMI-PE4257_14 Datasheet
869Kb / 7P
50 廓 SPDT Absorptive UltraCMOS?
logo
Peregrine Semiconductor...
PE4246 PEREGRINE-PE4246 Datasheet
462Kb / 8P
Absorptive SPST UltraCMOS
PE4257 PEREGRINE-PE4257 Datasheet
300Kb / 7P
50 廓 SPDT Absorptive UltraCMOS
PE42451 PEREGRINE-PE42451 Datasheet
619Kb / 11P
SP5T Absorptive UltraCMOS
logo
Peregrine Semiconductor
PE42452 PSEMI-PE42452_15 Datasheet
458Kb / 11P
UltraCMOS SP5T RF Switch 450-4000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com