Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXG1097EN Datasheet (PDF) - Sony Corporation

CXG1097EN Datasheet PDF - Sony Corporation
Part # CXG1097EN
Download  CXG1097EN Download
File Size   111.59 Kbytes
Page   7 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Low Noise Amplifier with Bypass Switch/Mixer

CXG1097EN Datasheet (PDF)

Go To PDF Page Download Datasheet
CXG1097EN Datasheet PDF - Sony Corporation

Part # CXG1097EN
Download  CXG1097EN Click to download

File Size   111.59 Kbytes
Page   7 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Low Noise Amplifier with Bypass Switch/Mixer

CXG1097EN Datasheet (HTML) - Sony Corporation


CXG1097EN Product details

Description
The CXG1097EN is a dual mode low noise amplifier with a bypass switch/ mixer MMIC for Japan CDMA cellular. This IC is designed using the Sonys GaAs J-FET process.

Features
• Dual mode low noise amplifier with a bypass switch
• High gain
    Low noise amplifier high current mode: Gp = 14.5dB (Typ.)
    Mixer: Gc = 12.0dB (Typ.)
• Low noise
    Low noise amplifier high current mode: NF = 1.6dB (Typ.)
    Mixer: NF = 4.5dB (Typ.)
• Low distortion
    Low noise amplifier high current mode: IIP3 = +4.5dBm (Typ.)
    Mixer: IIP3 = +3dBm (Typ.)
• Small package 16-pin VSON

Applications
    Japan CDMA cellular (J-CDMA)




Similar Part No. - CXG1097EN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1090EN SONY-CXG1090EN Datasheet
77Kb / 6P
High Power 2 쨈 4 Antenna Switch MMIC with Integrated Control Logic
CXG1090TN SONY-CXG1090TN Datasheet
71Kb / 5P
High Power 2 x 4 Antenna Switch MMIC with Integrated Control Logic
CXG1091TN SONY-CXG1091TN Datasheet
57Kb / 4P
SP4T GSM Dualband Antenna Switch 5V Logic
CXG1092 SONY-CXG1092 Datasheet
68Kb / 6P
SP5T GSM Triple-Band Antenna Switch
CXG1092N SONY-CXG1092N Datasheet
68Kb / 6P
SP5T GSM Triple-Band Antenna Switch
More results


Similar Description - CXG1097EN

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
Low Noise Amplifier with Bypass Switch
MC13820 FREESCALE-MC13820 Datasheet
1Mb / 38P
Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_08 Datasheet
781Kb / 42P
Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_09 Datasheet
779Kb / 42P
Low Noise Amplifier with Bypass Switch
MC13850 FREESCALE-MC13850 Datasheet
3Mb / 54P
Low Noise Amplifier with Bypass Switch
MC13821FCR2 FREESCALE-MC13821FCR2 Datasheet
779Kb / 42P
Low Noise Amplifier with Bypass Switch
logo
Broadcom Corporation.
MGA-785T6 BOARDCOM-MGA-785T6 Datasheet
228Kb / 17P
Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13820 NXP-MC13820 Datasheet
1Mb / 38P
Low Noise Amplifier with Bypass Switch
Rev. 1.1, 09/2005
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
MC13850 NXP-MC13850 Datasheet
3Mb / 54P
Low Noise Amplifier with Bypass Switch
Rev. 1, 12/2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com