Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXG1111EN Datasheet (PDF) - Sony Corporation

CXG1111EN Datasheet PDF - Sony Corporation
Part # CXG1111EN
Download  CXG1111EN Download
File Size   92.96 Kbytes
Page   6 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 800MHz Band Receive Mixer

CXG1111EN Datasheet (PDF)

Go To PDF Page Download Datasheet
CXG1111EN Datasheet PDF - Sony Corporation

Part # CXG1111EN
Download  CXG1111EN Click to download

File Size   92.96 Kbytes
Page   6 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 800MHz Band Receive Mixer

CXG1111EN Datasheet (HTML) - Sony Corporation


CXG1111EN Product details

Description
The CXG1111EN is a mixer MMIC for the Japan CDMA cellular. This IC is designed using the Sony’s GaAs J-FET process.

Features
• High conversion gain: Gc = 13.0dB (Typ.)
• Low noise figure: NF = 4.5dB (Typ.)
• Low distortion: IIP3 = +2.5dBm (Typ.)
• Small package: 10-pin VSON

Applications
    J-CDMA, PDC 800MHz and others




Similar Part No. - CXG1111EN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXG1115ER ETC-CXG1115ER Datasheet
78Kb / 2P
Wideband Multifunction Reception System GaAs MMIC Completely Covers GPS and CDMA
logo
Sony Corporation
CXG1117K SONY-CXG1117K Datasheet
69Kb / 6P
Power Amplifier Module for JCDMA
More results


Similar Description - CXG1111EN

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1104KB2 NJRC-NJG1104KB2 Datasheet
273Kb / 12P
800MHz BAND LNA GaAs MMIC
NJG1106KB2 NJRC-NJG1106KB2 Datasheet
171Kb / 11P
800MHz BAND LNA GaAs MMIC
NJG1550F NJRC-NJG1550F Datasheet
345Kb / 15P
800MHz BAND MIXER GaAs MMIC
NJG1551F NJRC-NJG1551F Datasheet
312Kb / 13P
800mhZ band mixer gAaS mmic
NJG1555KB2 NJRC-NJG1555KB2 Datasheet
183Kb / 11P
800mhZ band mixer gAaS mmic
NJG1708PC1 NJRC-NJG1708PC1 Datasheet
72Kb / 5P
800MHz BAND DOWNCONVERTER GaAs MMIC
logo
PCA ELECTRONICS INC.
EPB5012G PCA-EPB5012G Datasheet
27Kb / 1P
Receive Band Pass Filter
logo
New Japan Radio
NJG1557KB2 NJRC-NJG1557KB2 Datasheet
248Kb / 10P
800MHz BAND MIXER GaAs MMIC
logo
WALSIN TECHNOLOGY CORPO...
RFBLN1005040Y1T WALSIN-RFBLN1005040Y1T Datasheet
447Kb / 7P
LTE 800MHz Band RF Application
RFBLN1005040YM1T69 WALSIN-RFBLN1005040YM1T69 Datasheet
451Kb / 7P
LTE 800MHz Band Application Band Working Frequency
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com