Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSR7805-12W Datasheet (PDF) - MicroPower Direct, LLC

LSR7805-12W Datasheet PDF - MicroPower Direct, LLC
Part # LSR7805-12W
Download  LSR7805-12W Download
File Size   389.85 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Low Cost, Miniature 500 mA Surface Mount POL Switching Regulators

LSR7805-12W Datasheet (PDF)

Go To PDF Page Download Datasheet
LSR7805-12W Datasheet PDF - MicroPower Direct, LLC

Part # LSR7805-12W
Download  LSR7805-12W Click to download

File Size   389.85 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Low Cost, Miniature 500 mA Surface Mount POL Switching Regulators

LSR7805-12W Datasheet (HTML) - MicroPower Direct, LLC




Similar Part No. - LSR7805-12W

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LSR7810 MPD-LSR7810 Datasheet
529Kb / 2P
Effi ciency to 93%
LSR7810-015W MPD-LSR7810-015W Datasheet
529Kb / 2P
Effi ciency to 93%
LSR7810-018W MPD-LSR7810-018W Datasheet
529Kb / 2P
Effi ciency to 93%
LSR7810-02W MPD-LSR7810-02W Datasheet
529Kb / 2P
Effi ciency to 93%
LSR7810-03W MPD-LSR7810-03W Datasheet
529Kb / 2P
Effi ciency to 93%
More results


Similar Description - LSR7805-12W

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
SR7805 MPD-SR7805 Datasheet
234Kb / 2P
Low Cost, Non-isolated Ultra-Miniature SIP POL Switching Regulators
SR7810 MPD-SR7810 Datasheet
285Kb / 2P
Low Cost, 1A Output Non-isolated POL Switching Regulators
SR7815 MPD-SR7815 Datasheet
357Kb / 2P
Low Cost, 1.5A Output Non-isolated POL Switching Regulators
SRL05A MPD-SRL05A Datasheet
564Kb / 4P
Miniature Surface Mount 5A Output, Switching POL Regulators
SRL10A-12 MPD-SRL10A-12 Datasheet
634Kb / 4P
Miniature Surface Mount 10A Output, Switching POL Regulators
SRL16A-12W MPD-SRL16A-12W Datasheet
786Kb / 4P
Miniature Surface Mount 16A Output, Switching POL Regulators
SRM7810 MPD-SRM7810 Datasheet
295Kb / 2P
Miniature, 1A Output Non-isolated POL Switching Regulators
SRS05A MPD-SRS05A Datasheet
589Kb / 4P
Miniature, Non-isolated 5A Output, Switching POL Regulators
MSR7805W MPD-MSR7805W Datasheet
1Mb / 4P
Low Cost, Non-isolated Wide Input, Single Output POL Switching Regulators
MSR7810W MPD-MSR7810W Datasheet
1Mb / 4P
Low Cost, Non-isolated Wide Input, Single Output POL Switching Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com