Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T08 Datasheet (PDF) - STMicroelectronics

M48T08 Datasheet PDF - STMicroelectronics
Part # M48T08_11
Download  M48T08 Download
File Size   497.68 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM

M48T08 Datasheet (PDF)

Go To PDF Page Download Datasheet
M48T08 Datasheet PDF - STMicroelectronics

Part # M48T08_11
Download  M48T08 Click to download

File Size   497.68 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM

M48T08 Datasheet (HTML) - STMicroelectronics


M48T08 Product details

Features
■ Integrated ultra low power SRAM, real-time clock, power-fail control circuit, and battery
■ BYTEWIDE™ RAM-like clock access
■ BCD coded year, month, day, date, hours, minutes, and seconds
■ Typical clock accuracy of ±1 minute a month, at 25 °C
■ Automatic power-fail chip deselect and WRITE protection
■ WRITE protect VPFD = power-fail deselect voltage): – M48T08: VCC = 4.75 to 5.5 V; 4.5 V ≤ VPFD ≤ 4.75 V – M48T18/T08Y: VCC = 4.5 to 5.5 V; 4.2 V ≤ VPFD ≤ 4.5 V
■ Software controlled clock calibration for high accuracy applications
■ Self-contained battery and crystal in the CAPHAT™ DIP package
■ Packaging includes a 28-lead SOIC and SNAPHAT® top (to be ordered separately)
■ SOIC package provides direct connection for a snaphat top which contains the battery and crystal




Similar Part No. - M48T08_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T08-100MH1 STMICROELECTRONICS-M48T08-100MH1 Datasheet
471Kb / 27P
CMOS 8K x 8 TIMEKEEPER SRAM
Rev 7.0
M48T08-100MH1TR STMICROELECTRONICS-M48T08-100MH1TR Datasheet
471Kb / 27P
CMOS 8K x 8 TIMEKEEPER SRAM
Rev 7.0
M48T08-100PC1 STMICROELECTRONICS-M48T08-100PC1 Datasheet
471Kb / 27P
CMOS 8K x 8 TIMEKEEPER SRAM
Rev 7.0
M48T08-100PC1TR STMICROELECTRONICS-M48T08-100PC1TR Datasheet
471Kb / 27P
CMOS 8K x 8 TIMEKEEPER SRAM
Rev 7.0
M48T08-150MH1 STMICROELECTRONICS-M48T08-150MH1 Datasheet
471Kb / 27P
CMOS 8K x 8 TIMEKEEPER SRAM
Rev 7.0
More results


Similar Description - M48T08_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T58Y STMICROELECTRONICS-M48T58Y Datasheet
183Kb / 27P
5.0V, 64 Kbit (8 Kb x 8) TIMEKEEPER SRAM
20-May-2002
M48T35_0708 STMICROELECTRONICS-M48T35_0708 Datasheet
258Kb / 29P
5V, 256 Kbit (32 Kb x 8) TIMEKEEPER SRAM
01-Aug-2007
M48T58 STMICROELECTRONICS-M48T58_07 Datasheet
259Kb / 31P
5.0V, 64 Kbit (8 Kb x 8) TIMEKEEPER SRAM
30-Aug-2007
M48Z58 STMICROELECTRONICS-M48Z58_10 Datasheet
435Kb / 24P
5 V, 64 Kbit (8 Kbit x 8) ZEROPOWER® SRAM
14-Oct-2010
M48T58 STMICROELECTRONICS-M48T58_10 Datasheet
517Kb / 33P
5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
02-Aug-2010
M48T08 STMICROELECTRONICS-M48T08_10 Datasheet
518Kb / 31P
5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
June 2010 Rev 10
M48Z08 STMICROELECTRONICS-M48Z08_10 Datasheet
323Kb / 20P
5 V, 64 Kbit (8 Kb x 8) ZEROPOWER® SRAM
27-May-2010
M48T58 STMICROELECTRONICS-M48T58_11 Datasheet
495Kb / 33P
5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
June 2011 Rev 8
M48T58Y STMICROELECTRONICS-M48T58Y_11 Datasheet
495Kb / 33P
5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
June 2011 Rev 8
M48Z58 STMICROELECTRONICS-M48Z58_11 Datasheet
417Kb / 24P
5 V, 64 Kbit (8 Kbit x 8) ZEROPOWER® SRAM
07-Jun-2011
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com