Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPS-03 Datasheet (PDF) - MicroPower Direct, LLC

MPS-03 Datasheet PDF - MicroPower Direct, LLC
Part # MPS-03
Download  MPS-03 Download
File Size   284.09 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Single Output, 3W Ultra-Miniature SIP AC/DC Power Supplies

MPS-03 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPS-03 Datasheet PDF - MicroPower Direct, LLC

Part # MPS-03
Download  MPS-03 Click to download

File Size   284.09 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Single Output, 3W Ultra-Miniature SIP AC/DC Power Supplies

MPS-03 Datasheet (HTML) - MicroPower Direct, LLC


MPS-03 Product details

Key Features:
• 3W Output Power
• Universal 85-264 VAC Input
• 100 - 400 VDC Input
• Meets IEC Safety Class II
• -40ºC to +85ºC Operation
• Single Regulated Output
• >300 kHour MTBF
• Ultra-Miniature SIP Case




Similar Part No. - MPS-03

ManufacturerPart #DatasheetDescription
logo
SICK AG
MPS-032THTP0 SICK-MPS-032THTP0 Datasheet
2Mb / 6P
POSITION SENSORS
2017-05-04
MPS-032TLTQ0 SICK-MPS-032TLTQ0 Datasheet
2Mb / 7P
POSITION SENSORS
2017-05-04
MPS-032TSNP0 SICK-MPS-032TSNP0 Datasheet
2Mb / 6P
POSITION SENSORS
2017-05-04
MPS-032TSNQDS04 SICK-MPS-032TSNQDS04 Datasheet
2Mb / 7P
POSITION SENSORS
2017-05-04
MPS-032TSNU0 SICK-MPS-032TSNU0 Datasheet
1Mb / 6P
POSITION SENSORS
2017-05-04
More results


Similar Description - MPS-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D221 ETC1-D221 Datasheet
91Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
Minmax Technology Co., ...
MBU100 MINMAX-MBU100 Datasheet
227Kb / 6P
1W, Ultra Miniature SIP, Single Output DC/DC Converter
logo
MicroPower Direct, LLC
D300RW MPD-D300RW Datasheet
191Kb / 2P
Single & Dual Output 3W SIP, Wide Input DC/DC Converters
E100 MPD-E100 Datasheet
160Kb / 2P
Isolated, Single Output Miniature, 1W SIP DC/DC Converters
E200 MPD-E200 Datasheet
175Kb / 2P
Isolated, Single Output Ultra-Miniature, 2W SIP DC/DC Converters
MPM-03 MPD-MPM-03 Datasheet
189Kb / 2P
Single Output, 3W Ultra-Miniature DIP AC/DC Power Supplies
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MPL-01SE MPD-MPL-01SE Datasheet
394Kb / 2P
Single Output, 1W Ultra-Miniature SIP AC/DC Power Supplies
MPL-03SE MPD-MPL-03SE Datasheet
396Kb / 2P
Single Output, 3W Ultra-Miniature SIP AC/DC Power Supplies
MD300S MPD-MD300S Datasheet
199Kb / 2P
Miniature 3W Single Output SIP DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com