Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXK58512TM Datasheet (PDF) - Sony Corporation

CXK58512TM Datasheet PDF - Sony Corporation
Part # CXK58512TM
Download  CXK58512TM Download
File Size   210.52 Kbytes
Page   12 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 65536-word X 8-bit High Speed CMOS Static RAM

CXK58512TM Datasheet (PDF)

Go To PDF Page Download Datasheet
CXK58512TM Datasheet PDF - Sony Corporation

Part # CXK58512TM
Download  CXK58512TM Click to download

File Size   210.52 Kbytes
Page   12 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 65536-word X 8-bit High Speed CMOS Static RAM

CXK58512TM Datasheet (HTML) - Sony Corporation


CXK58512TM Product details

Description
The CXK58512TM/M is a high speed CMOS static RAM organized as 65536-words by 8 bits.
A polysilicon TFT cell technology realized extremely low stand-by current and higher data retention stability.
Special feature are low power consumption, high speed.
The CXK58512TM/M is a suitable RAM for portable equipment with battery back up.

Features
• Fast access time (Access time)
                       -55LL 55ns (Max.)
                       -70LL 70ns (Max.)
                     -10LL 100ns (Max.)
• Low standby current 10µA (Max.)
• Low data retention current 6µA (Max.)
• Single +5V supply: +5V ± 10%
• Low voltage data retention: 2.0V (Min.)
• Broad package line-up
    CXK58512TM 8mm × 20mm 32 pin TSOP package
    CXK58512M 525mil 32 pin SOP Package

Function
    65536-word × 8 bit static RAM




Similar Part No. - CXK58512TM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK581000AM SONY-CXK581000AM Datasheet
288Kb / 12P
131072-word x 8-bit High Speed CMOS Static RAM
CXK581000AM-10LL SONY-CXK581000AM-10LL Datasheet
288Kb / 12P
131072-word x 8-bit High Speed CMOS Static RAM
CXK581000AM-10SL SONY-CXK581000AM-10SL Datasheet
288Kb / 12P
131072-word x 8-bit High Speed CMOS Static RAM
CXK581000AM-55LL SONY-CXK581000AM-55LL Datasheet
288Kb / 12P
131072-word x 8-bit High Speed CMOS Static RAM
CXK581000AM-55SL SONY-CXK581000AM-55SL Datasheet
288Kb / 12P
131072-word x 8-bit High Speed CMOS Static RAM
More results


Similar Description - CXK58512TM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK5B16120J SONY-CXK5B16120J Datasheet
236Kb / 10P
65536-word X 16-bit High Speed Bi-CMOS Static RAM
CXK5B18120TM- SONY-CXK5B18120TM- Datasheet
179Kb / 10P
65536-word x 18-bit High Speed Bi-CMOS Static RAM
CXK5T16100TM- SONY-CXK5T16100TM- Datasheet
138Kb / 10P
65536-word x 16-bit High Speed CMOS Static RAM
CXK5T81000ATM SONY-CXK5T81000ATM Datasheet
262Kb / 11P
131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000ATN SONY-CXK5T81000ATN Datasheet
235Kb / 10P
131072-word X 8-bit High Speed CMOS Static RAM
CXK5T8512TM SONY-CXK5T8512TM Datasheet
216Kb / 10P
65536-word X 8-bit High Speed CMOS Static RAM
CXK5V16100TM SONY-CXK5V16100TM Datasheet
153Kb / 10P
65536-word X 16-bit High Speed CMOS Static RAM
CXK5V8512TM- SONY-CXK5V8512TM- Datasheet
154Kb / 10P
65536-word X 8-bit High Speed CMOS Static RAM
logo
List of Unclassifed Man...
HM62864 ETC-HM62864 Datasheet
124Kb / 15P
65536-word 쨈 8-bit High Speed CMOS Static RAM
logo
Mitsubishi Electric Sem...
M5M5165P MITSUBISHI-M5M5165P Datasheet
394Kb / 6P
65536-BIT (8192-WORD BY 8-BIT) CMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com