Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2149A Datasheet (PDF) - RF Monolithics, Inc

SF2149A Datasheet PDF - RF Monolithics, Inc
Part # SF2149A
Download  SF2149A Download
File Size   115.18 Kbytes
Page   4 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description TD-SCDMA SAW Filter, 46.08 MHz, 5 MHz BW

SF2149A Datasheet (PDF)

Go To PDF Page Download Datasheet
SF2149A Datasheet PDF - RF Monolithics, Inc

Part # SF2149A
Download  SF2149A Click to download

File Size   115.18 Kbytes
Page   4 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description TD-SCDMA SAW Filter, 46.08 MHz, 5 MHz BW

SF2149A Datasheet (HTML) - RF Monolithics, Inc


SF2149A Product details

46.08 MHz SAW Filter

• TD-SCDMA SAW Filter, 46.08 MHz, 5 MHz BW
• Low Insertion Loss
• 13.3 x 6.5 x 1.9 mm Surface-mount Case
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - SF2149A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2149A MURATA-SF2149A Datasheet
115Kb / 4P
46.08 MHz SAW Filter
More results


Similar Description - SF2149A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5062 EPCOS-B5062 Datasheet
69Kb / 7P
SAW IF filter TD-SCDMA
B5077 EPCOS-B5077 Datasheet
67Kb / 8P
SAW IF filter TD-SCDMA
B5140 EPCOS-B5140 Datasheet
76Kb / 8P
SAW filter TD-SCDMA
B5206 EPCOS-B5206 Datasheet
57Kb / 7P
SAW IF filter TD-SCDMA
B5207 EPCOS-B5207 Datasheet
65Kb / 7P
SAW IF filter TD-SCDMA
B5213 EPCOS-B5213 Datasheet
71Kb / 7P
SAW IF filter TD-SCDMA
logo
Murata Manufacturing Co...
SF2149A MURATA-SF2149A Datasheet
115Kb / 4P
46.08 MHz SAW Filter
logo
Murata Manufacturing Co...
SAWFD1G90LA0F0A MURATA1-SAWFD1G90LA0F0A Datasheet
292Kb / 10P
SAW FILTER FOR TD-SCDMA
Sep. 29, 2010
logo
Transko Electronics, In...
TA1900BQ1 TRANSKO-TA1900BQ1 Datasheet
523Kb / 5P
TD-SCDMA, RF SAW Filter
Revision 0: October 2011
TA2017DM TRANSKO-TA2017DM Datasheet
394Kb / 4P
TD-SCDMA, RF SAW Filter
Revision 0: September 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com