Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2185A-1 Datasheet (PDF) - RF Monolithics, Inc

SF2185A-1 Datasheet PDF - RF Monolithics, Inc
Part # SF2185A-1
Download  SF2185A-1 Download
File Size   433.74 Kbytes
Page   6 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description Precision IF SAW Filter

SF2185A-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF2185A-1 Datasheet PDF - RF Monolithics, Inc

Part # SF2185A-1
Download  SF2185A-1 Click to download

File Size   433.74 Kbytes
Page   6 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description Precision IF SAW Filter

SF2185A-1 Datasheet (HTML) - RF Monolithics, Inc


SF2185A-1 Product details

70.00 MHz SAW Filter

• Precision IF SAW Filter
• Balanced 50 ohm Operation
• Hermetic 13.3 x 6.5 mm Surface-mount Case
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - SF2185A-1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2185A-1 MURATA-SF2185A-1 Datasheet
433Kb / 6P
70 MHz SAW Filter
More results


Similar Description - SF2185A-1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B1708 EPCOS-B1708 Datasheet
104Kb / 10P
SAW IF filter
logo
Oscilent Corporation
813-SL60.0M-11 OSCILENT-813-SL60.0M-11 Datasheet
291Kb / 3P
IF SAW Filter
813-SL70.0M-16 OSCILENT-813-SL70.0M-16 Datasheet
232Kb / 3P
IF SAW Filter
logo
RF Monolithics, Inc
SF2185A RFM-SF2185A Datasheet
112Kb / 5P
Precision IF SAW Filter
SF2227A RFM-SF2227A Datasheet
542Kb / 5P
Precision IF SAW Filter
SF2228A RFM-SF2228A Datasheet
535Kb / 5P
Precision IF SAW Filter
SF2229A RFM-SF2229A Datasheet
473Kb / 5P
Precision IF SAW Filter
SF2230A RFM-SF2230A Datasheet
511Kb / 8P
Precision IF SAW Filter
SF2257A RFM-SF2257A Datasheet
105Kb / 5P
Precision IF SAW Filter
SF2270A RFM-SF2270A Datasheet
161Kb / 4P
Precision SAW IF Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com