Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXL1504M Datasheet (PDF) - Sony Corporation

CXL1504M Datasheet PDF - Sony Corporation
Part # CXL1504M
Download  CXL1504M Download
File Size   113.07 Kbytes
Page   9 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS-CCD 1H Delay Line for NTSC

CXL1504M Datasheet (PDF)

Go To PDF Page Download Datasheet
CXL1504M Datasheet PDF - Sony Corporation

Part # CXL1504M
Download  CXL1504M Click to download

File Size   113.07 Kbytes
Page   9 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS-CCD 1H Delay Line for NTSC

CXL1504M Datasheet (HTML) - Sony Corporation


CXL1504M Product details

Description
The CXL1504M is a delay line used in conjunction with an external low-pass filter. Through negative phase input and positive phase output 1H delay time is obtained for NTSC signals.

Features
• Single 5V power supply
• 14.3MHz driver
• Low power consumption at 160mW (Typ.)
• Built-in peripheral circuits
• Completely adjustment free

Functions
• 905.5-bit CCD register
• Clock driver
• Autobias circuit
• Input clamp circuit
• Sample and hold circuit




Similar Part No. - CXL1504M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXL1501 SONY-CXL1501 Datasheet
181Kb / 12P
CMOS-CCD Signal Processor
CXL1501M SONY-CXL1501M Datasheet
181Kb / 12P
CMOS-CCD Signal Processor
CXL1502M SONY-CXL1502M Datasheet
197Kb / 14P
CMOS-CCD Signal Processor
CXL1503M SONY-CXL1503M Datasheet
179Kb / 9P
CMOS-CCD Signal Processor
CXL1505M SONY-CXL1505M Datasheet
179Kb / 9P
CMOS-CCD Signal Processor
More results


Similar Description - CXL1504M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC8991 SANYO-LC8991 Datasheet
39Kb / 4P
NTSC CCD 1H Delay Line
logo
Sony Corporation
CXL5001M SONY-CXL5001M Datasheet
98Kb / 8P
CMOS-CCD 1H Delay Line for NTSC
CXL5005M SONY-CXL5005M Datasheet
112Kb / 8P
CMOS-CCD 1H Delay Line for NTSC with PLL
CXL5502M SONY-CXL5502M Datasheet
187Kb / 13P
CMOS-CCD 1H Delay Line for NTSC
CXL5504M SONY-CXL5504M Datasheet
135Kb / 11P
CMOS-CCD 1H Delay Line for NTSC
CXL5507M SONY-CXL5507M Datasheet
104Kb / 9P
CMOS-CCD 1H Delay Line for NTSC
CXL5509M SONY-CXL5509M Datasheet
156Kb / 12P
CMOS-CCD 1H/2H Delay Line for NTSC
CXL5512M SONY-CXL5512M Datasheet
158Kb / 9P
CMOS-CCD 1H Delay Line for NTSC
CXL5513M SONY-CXL5513M Datasheet
153Kb / 9P
CMOS-CCD 1H Delay Line for NTSC
CXL5514M SONY-CXL5514M Datasheet
143Kb / 9P
CMOS-CCD 1H Delay Line for PAL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com