Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3171D Datasheet (PDF) - RF Monolithics, Inc

RF3171D Datasheet PDF - RF Monolithics, Inc
Part # RF3171D
Download  RF3171D Download
File Size   101.5 Kbytes
Page   4 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 418.0 MHz SAW Filter

RF3171D Datasheet (PDF)

Go To PDF Page Download Datasheet
RF3171D Datasheet PDF - RF Monolithics, Inc

Part # RF3171D
Download  RF3171D Click to download

File Size   101.5 Kbytes
Page   4 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 418.0 MHz SAW Filter

RF3171D Datasheet (HTML) - RF Monolithics, Inc


RF3171D Product details

The RF3171D is a low-loss, compact, and economical surface-acoustic-wave (SAW) filter designed to provide front-end selectivity in 418.0 MHz receivers. Receiver designs using this filter include superhet with 10.7 MHz or 500 kHz IF, direct conversion and superregen. Typical applications of these receivers are wireless remotecontrol and security devices operating in the USA under FCC Part 15.

• Ideal Front-End Filter for Wireless Receiver in the US and UK
• Low-Loss, Coupled-Resonator Quartz Design
• Surface-Mount Ceramic Case with 50 mm2 Footprint
• Simple External Impedance Matching
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - RF3171D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RF3171D MURATA-RF3171D Datasheet
101Kb / 4P
418.0 MHz SAW Filter
More results


Similar Description - RF3171D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1171 RFM-RF1171 Datasheet
158Kb / 2P
418.0 MHz SAW Filter
RF1171B RFM-RF1171B Datasheet
166Kb / 2P
418.0 MHz SAW Filter
RF1171D RFM-RF1171D Datasheet
72Kb / 2P
418.0 MHz SAW Filter
RO3103A RFM-RO3103A Datasheet
58Kb / 2P
418.0 MHz SAW Resonator
RF3171 RFM-RF3171 Datasheet
201Kb / 2P
418.0 MHz SAW Filter
logo
Murata Manufacturing Co...
RO3103 MURATA-RO3103 Datasheet
1Mb / 2P
418.0 MHz SAW Resonator
RF1171 MURATA-RF1171 Datasheet
129Kb / 2P
418.0 MHz SAW Filter
RF3171 MURATA-RF3171 Datasheet
201Kb / 2P
418.0 MHz SAW Filter
RF3171D MURATA-RF3171D Datasheet
101Kb / 4P
418.0 MHz SAW Filter
logo
Golledge Electronics Lt...
MA05649 GOLLEDGE-MA05649 Datasheet
78Kb / 4P
418.0 MHz SAW Resonator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com