Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S70GL-P Datasheet (PDF) - SPANSION

S70GL-P Datasheet PDF - SPANSION
Part # S70GL-P
Download  S70GL-P Download
File Size   455.26 Kbytes
Page   13 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description 2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology

S70GL-P Datasheet (PDF)

Go To PDF Page Download Datasheet
S70GL-P Datasheet PDF - SPANSION

Part # S70GL-P
Download  S70GL-P Click to download

File Size   455.26 Kbytes
Page   13 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description 2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology

S70GL-P Datasheet (HTML) - SPANSION


S70GL-P Product details

General Description
The Spansion S70GL02GP 2-Gigabit Mirrorbit Flash memory device is fabricated on 90 nm process technology. This device offers a fast page access time of 25 ns with a corresponding random access time of 110 ns. It features a Write Buffer that allows a maximum of 32 words/64 bytes to be programmed in one operation, resulting in faster effective programming time than standard single byte/word programming algorithms. This makes the device an ideal product for today’s embedded applications that require higher density, better performance and lower power consumption.

Distinctive Characteristics
■ Two 1024 Megabit (S29GL01GP) in a single 64-ball FortifiedBGA package (see publication S29GL-P_00 for full specifications)
■ Single 3V read/program/erase (3.0V - 3.6V)
■ 90 nm MirrorBit process technology
■ 8-word/16-byte page read buffer
■ 32-word/64-byte write buffer reduces overall programming time for multiple-word writes
■ Secured Silicon Sector region
   – 128-word/256-byte sector for permanent, secure identification through an 8-word/16-byte random Electronic Serial Number
   – Can be programmed and locked at the factory or by the customer
■ Uniform 64Kword/128KByte Sector Architecture
   – S70GL02GP: two thousand forty-eight sectors
■ 100,000 erase cycles per sector typical
■ 20-year data retention typical
■ Offered Packages
   – 64-ball Fortified BGA
■ Suspend and Resume commands for Program and Erase operations
■ Write operation status bits indicate program and erase operation completion
■ Unlock Bypass Program command to reduce programming time
■ Support for CFI (Common Flash Interface)
■ Persistent and Password methods of Advanced Sector Protection
■ WP#/ACC input
   – Accelerates programming time (when VACC is applied) for greater throughput during system production
   – Protects first or last sector of each die, regardless of sector protection settings
■ Hardware reset input (RESET#) resets device
■ Ready/Busy# output (RY/BY#) detects program or erase cycle completion




Similar Part No. - S70GL-P

ManufacturerPart #DatasheetDescription
logo
SPANSION
S70GL01GN00 SPANSION-S70GL01GN00 Datasheet
1Mb / 83P
3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL01GN00 SPANSION-S70GL01GN00 Datasheet
1Mb / 83P
1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
S70GL01GN00FAI010 SPANSION-S70GL01GN00FAI010 Datasheet
1Mb / 83P
3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL01GN00FAI012 SPANSION-S70GL01GN00FAI012 Datasheet
1Mb / 83P
3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL01GN00FAI013 SPANSION-S70GL01GN00FAI013 Datasheet
1Mb / 83P
3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
More results


Similar Description - S70GL-P

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL-P SPANSION-S29GL-P Datasheet
1Mb / 71P
3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-N SPANSION-S29GL-N Datasheet
2Mb / 100P
3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL01GN00 SPANSION-S70GL01GN00 Datasheet
1Mb / 83P
3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL-P SPANSION-S29GL-P_07 Datasheet
2Mb / 77P
3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL02GP SPANSION-S70GL02GP Datasheet
313Kb / 14P
2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-N SPANSION-S29GL-N_07 Datasheet
3Mb / 79P
64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
S29GLXXXM SPANSION-S29GLXXXM Datasheet
4Mb / 160P
3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
S29GL01GP11TFIR20 SPANSION-S29GL01GP11TFIR20 Datasheet
2Mb / 81P
1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP13FFIV20 SPANSION-S29GL01GP13FFIV20 Datasheet
2Mb / 81P
1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com