Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2033A Datasheet (PDF) - RF Monolithics, Inc

SF2033A Datasheet PDF - RF Monolithics, Inc
Part # SF2033A
Download  SF2033A Download
File Size   239.42 Kbytes
Page   5 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 350.00 MHz SAW Filter

SF2033A Datasheet (PDF)

Go To PDF Page Download Datasheet
SF2033A Datasheet PDF - RF Monolithics, Inc

Part # SF2033A
Download  SF2033A Click to download

File Size   239.42 Kbytes
Page   5 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 350.00 MHz SAW Filter

SF2033A Datasheet (HTML) - RF Monolithics, Inc


SF2033A Product details

350.00 MHz SAW Filter

• Precision SAW Filter
• 13.3 x 6.5 mm Case
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - SF2033A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2033A MURATA-SF2033A Datasheet
239Kb / 5P
350.00 MHz SAW Filter
More results


Similar Description - SF2033A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
Vanlong Technology Co.,...
SR350 VANLONG-SR350 Datasheet
91Kb / 2P
350.00 MHz One-Port SAW Resonator
SR5426 VANLONG-SR5426 Datasheet
92Kb / 2P
350.00 MHz One Port SAW Resonator
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Murata Manufacturing Co...
SF2033A MURATA-SF2033A Datasheet
239Kb / 5P
350.00 MHz SAW Filter
logo
Transko Electronics, In...
TL35001AV2 TRANSKO-TL35001AV2 Datasheet
443Kb / 3P
350.00 MHz IF SAW Filter / 1.96 MHz Bandwidth
Revision 0: 18 Jul. 2012
TL35006AS2 TRANSKO-TL35006AS2 Datasheet
464Kb / 4P
350.00 MHz IF SAW Filter / 6.50 MHz Bandwidth
Revision 0: 18 Jul. 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com