Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2141B Datasheet (PDF) - RF Monolithics, Inc

SF2141B Datasheet PDF - RF Monolithics, Inc
Part # SF2141B
Download  SF2141B Download
File Size   612.24 Kbytes
Page   6 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 210.38 MHz SAW Filter

SF2141B Datasheet (PDF)

Go To PDF Page Download Datasheet
SF2141B Datasheet PDF - RF Monolithics, Inc

Part # SF2141B
Download  SF2141B Click to download

File Size   612.24 Kbytes
Page   6 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 210.38 MHz SAW Filter

SF2141B Datasheet (HTML) - RF Monolithics, Inc


SF2141B Product details

210.38 MHz SAW Filter

• Simple Matching to 50 ohms
• 5.0 X 7.0 mm Surface-mount Case
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - SF2141B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2141B MURATA-SF2141B Datasheet
612Kb / 6P
210.38 MHz SAW Filter
More results


Similar Description - SF2141B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
logo
EPCOS
B3773 EPCOS-B3773 Datasheet
74Kb / 9P
SAW filter 868.95 MHz
B7738 EPCOS-B7738 Datasheet
93Kb / 8P
SAW filter 719.0 MHz
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0241A TAI-SAW-TB0241A Datasheet
454Kb / 4P
SAW Filter 210.38 MHz SMD 13.3x6.5 mm
logo
Murata Manufacturing Co...
SF2141B MURATA-SF2141B Datasheet
612Kb / 6P
210.38 MHz SAW Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com