Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2155B Datasheet (PDF) - RF Monolithics, Inc

SF2155B Datasheet PDF - RF Monolithics, Inc
Part # SF2155B
Download  SF2155B Download
File Size   810.67 Kbytes
Page   6 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 153.6 MHz SAW Filter

SF2155B Datasheet (PDF)

Go To PDF Page Download Datasheet
SF2155B Datasheet PDF - RF Monolithics, Inc

Part # SF2155B
Download  SF2155B Click to download

File Size   810.67 Kbytes
Page   6 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 153.6 MHz SAW Filter

SF2155B Datasheet (HTML) - RF Monolithics, Inc


SF2155B Product details

153.6 MHz SAW Filter

• Designed for TD-SCDMA Applications
• Low Insertion Loss
• 5.0 X 7.0 mm Surface-Mount Case
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - SF2155B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2155B MURATA-SF2155B Datasheet
810Kb / 6P
153.6 MHz SAW Filter
More results


Similar Description - SF2155B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1095A RFM-SF1095A Datasheet
202Kb / 8P
153.6 MHz SAW Filter
logo
TriQuint Semiconductor
856048 TRIQUINT-856048 Datasheet
546Kb / 5P
153.6 MHz SAW Filter
logo
KR Electronics, Inc.
2823-30 KR-2823-30 Datasheet
50Kb / 2P
153.6 MHz group delay equalized bandpass filter
2823-80 KR-2823-80 Datasheet
50Kb / 2P
153.6 MHz group delay equalized bandpass filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0154BA03191S APITECH-SF0154BA03191S Datasheet
219Kb / 3P
153.6 MHz SAW Filter 20 MHz Bandwidth
logo
Oscilent Corporation
867-SL153.6M-20A OSCILENT-867-SL153.6M-20A Datasheet
236Kb / 6P
153.6 MHz IF SAW Filter 23.5 MHz Bandwidth
logo
Murata Manufacturing Co...
SF2155B MURATA-SF2155B Datasheet
810Kb / 6P
153.6 MHz SAW Filter
logo
TriQuint Semiconductor
856517 TRIQUINT-856517_15 Datasheet
627Kb / 6P
153.6 MHz SAW Filter
856748 TRIQUINT-856748_15 Datasheet
442Kb / 5P
153.6 MHz SAW Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com