Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP402 Datasheet (PDF) - Sony Corporation

CXP402 Datasheet PDF - Sony Corporation
Part # CXP402
Download  CXP402 Download
File Size   265.61 Kbytes
Page   16 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 4-bit Single Chip Microcomputer

CXP402 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP402 Datasheet PDF - Sony Corporation

Part # CXP402
Download  CXP402 Click to download

File Size   265.61 Kbytes
Page   16 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 4-bit Single Chip Microcomputer

CXP402 Datasheet (HTML) - Sony Corporation


CXP402 Product details

Description
The CXP402 is a CMOS 4-bit single chip microcomputer which consists of 4-bit CPU, ROM, RAM, 8-bit timer, 8-bit timer/counter, 18-bit time-base timer, LCD controller/driver, digital signal processor circuit for CD player, 1-bit DAC and the like.

Features
• Instruction cycle 1.89µs for 16.93MHz oscillation
• ROM capacity 6144 × 8 bits
• RAM capacity 400 × 4 bits (Including stack and display area)
• LCD controller/driver (Enables to direct drive)
• 8-bit timer, 8-bit timer/event counter and 18-bit time-base timer are incorporated; they are independently controllable.
• Arithmetic and logical operations between the entire RAM area, I/O area and the accumulator by means of the memory mapped I/O.
• Entire ROM area can be referred by the table lookup instruction.

Digital Signal Processor (DSP) Block
• Playback mode supporting CAV (Constant Angular Velocity)
• Frame jitter free
• Allows relative rotational velocity readout
• Supports spindle external control
• Wide capture range playback mode
• Spindle rotational velocity following method
• 16K RAM
• EFM data demodulation
• Enhanced EFM frame sync signal protection
• SEC strategy-based error correction
• Subcode demodulation and Sub Q data error detection
• Digital spindle servo
• 16-bit traverse counter
• Asymmetry correction circuit
• Servo auto sequencer
• Digital audio interface output
• Digital peak meter

Digital Filter, DAC and Analog Low-Pass Filter Blocks
• DBB (digital bass boost) function
• Digital de-emphasis
• Digital attenuation
• Zero detection function
• 8Fs oversampling digital filter
• S/N: 100dB or more (master clock: 384Fs, typ.) Logical value: 109dB
• THD + N: 0.007% or less (master clock: 384Fs, typ.)
• Rejection band attenuation: –60dB or more
• 112-pin plastic LQFP
• Piggyback package (CXP401Z) available




Similar Part No. - CXP402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXP401 ETC-CXP401 Datasheet
40Kb / 2P
SPC500 Series CPU core 6-KB ROM, 400-word RAM LCD controller/driver on chip
More results


Similar Description - CXP402

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP50700 SONY-CXP50700 Datasheet
483Kb / 19P
CMOS 4-BIT SINGLE CHIP MICROCOMPUTER
CXP5080 SONY-CXP5080 Datasheet
148Kb / 6P
CMOS 4-bit Single Chip Microcomputer
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
455A RENESAS-455A Datasheet
3Mb / 148P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com