Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAL-2690D3U Datasheet (PDF) - STMicroelectronics

BAL-2690D3U Datasheet PDF - STMicroelectronics
Part # BAL-2690D3U
Download  BAL-2690D3U Download
File Size   265.67 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 50 / 30j25 balun transformer for 2.45 GHz ISM band

BAL-2690D3U Datasheet (PDF)

Go To PDF Page Download Datasheet
BAL-2690D3U Datasheet PDF - STMicroelectronics

Part # BAL-2690D3U
Download  BAL-2690D3U Click to download

File Size   265.67 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 50 / 30j25 balun transformer for 2.45 GHz ISM band

BAL-2690D3U Datasheet (HTML) - STMicroelectronics


BAL-2690D3U Product details

Description
The BAL-2690D3U is a balun designed to transform single ended signals to differential signals in Bluetooth applications.
The BAL-2690D3U has been customized for the STLC2690 Bluetooth transceiver with 0.8 dB insertion losses in the bandwidth (2400 MHz - 2500 MHz) and with a specific requirement for the SCC22 parameter.
The BAL-2690D3U has been designed using STMicroelectronics IPD (integrated passive device) technology on non conductive glass substrate to optimize RF performances.

Features
■ 50 Ω nominal input / 30+j25 output differential impedance
■ Low insertion loss
■ Low amplitude imbalance
■ Low phase imbalance
■ Small footprint: BAL-2690D3U < 1 mm²

Benefits
■ Very low profile (<700 µm)
■ High RF performances
■ RF BOM and area reduction

Applications
Balun transformer for applications such as:
■ Bluetooth STLC2690
■ Mobile phone




Similar Part No. - BAL-2690D3U

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
BAL-24W-K FUJITSU-BAL-24W-K Datasheet
126Kb / 6P
MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Similar Description - BAL-2690D3U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA2400A PHILIPS-SA2400A Datasheet
325Kb / 34P
Single chip transceiver for 2.45 GHz ISM band
2002 Nov 04
logo
List of Unclassifed Man...
NA0108B ETC2-NA0108B Datasheet
529Kb / 2P
High Performance Transceiver for the 2.45 GHz ISM Band
logo
Johanson Technology Inc...
2450BL14C050 JOHANSON-2450BL14C050 Datasheet
134Kb / 2P
2.45 GHz Balun
2450BL15B050 JOHANSON-2450BL15B050 Datasheet
102Kb / 2P
2.45 GHz Balun
2450BL14B050 JOHANSON-2450BL14B050 Datasheet
71Kb / 2P
2.45 GHz Balun
2450BL14B100 JOHANSON-2450BL14B100 Datasheet
129Kb / 2P
2.45 GHz Balun
2450BL15B150 JOHANSON-2450BL15B150 Datasheet
142Kb / 2P
2.45 GHz Balun
2450BL15B200 JOHANSON-2450BL15B200 Datasheet
102Kb / 2P
2.45 GHz Balun
2450BP18C100BE JOHANSON-2450BP18C100BE Datasheet
122Kb / 3P
2.45 GHz ISM Band Pass Filter
2450BP18C100B JOHANSON-2450BP18C100B Datasheet
122Kb / 3P
2.45 GHz ISM Band Pass Filter
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com