Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AC244 Datasheet (PDF) - Unisonic Technologies

U74AC244 Datasheet PDF - Unisonic Technologies
Part # U74AC244
Download  U74AC244 Download
File Size   190.79 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description The U74AC244 is designed to improve the performance and density of 3-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters.

U74AC244 Datasheet (PDF)

Go To PDF Page Download Datasheet
U74AC244 Datasheet PDF - Unisonic Technologies

Part # U74AC244
Download  U74AC244 Click to download

File Size   190.79 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description The U74AC244 is designed to improve the performance and density of 3-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters.

U74AC244 Datasheet (HTML) - Unisonic Technologies


U74AC244 Product details

DESCRIPTION
The U74AC244 is a octal buffers/drivers with 3-state outputs. It is organized as two 4-bit buffers/drivers with separate output-enable ( OE ) inputs. When OE is high, the Y outputs are in a high-impedance state, and the outputs neither load nor drive the bus lines. When OE is low, the device passes noninverted data from the A inputs to the Y outputs

FEATURES
* Wide supply voltage range from 2V to 6V
* Max tpd of 7 ns from A to Y at 5V
* Low power consumption, ICC = 4 μA (Max.) at 5.5V
* ±24 mA output driver at 5.5V




Similar Part No. - U74AC244

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AC244G-P20-R UTC-U74AC244G-P20-R Datasheet
190Kb / 6P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
U74AC244G-P20-T UTC-U74AC244G-P20-T Datasheet
190Kb / 6P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
U74AC244L-P20-R UTC-U74AC244L-P20-R Datasheet
190Kb / 6P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
U74AC244L-P20-T UTC-U74AC244L-P20-T Datasheet
190Kb / 6P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
U74AC244 UTC-U74AC244_15 Datasheet
190Kb / 6P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Similar Description - U74AC244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_07 Datasheet
507Kb / 18P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN7534050 TI-SN7534050 Datasheet
471Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
logo
Unisonic Technologies
U74ACT240 UTC-U74ACT240 Datasheet
185Kb / 6P
The U74ACT240 is designed to improve the performance and density of 3-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters.
logo
Texas Instruments
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_V01 Datasheet
921Kb / 26P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
REVISED NOVEMBER 2009
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com