Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF1201D Datasheet (PDF) - RF Monolithics, Inc

SF1201D Datasheet PDF - RF Monolithics, Inc
Part # SF1201D
Download  SF1201D Download
File Size   197.9 Kbytes
Page   5 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 455.0 MHz SAW Filter

SF1201D Datasheet (PDF)

Go To PDF Page Download Datasheet
SF1201D Datasheet PDF - RF Monolithics, Inc

Part # SF1201D
Download  SF1201D Click to download

File Size   197.9 Kbytes
Page   5 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 455.0 MHz SAW Filter

SF1201D Datasheet (HTML) - RF Monolithics, Inc


SF1201D Product details

455.0 MHz SAW Filter

• CDMA 450 F-Band RF SAW Filter
• 3.8 x 3.8 x 1.4 mm Surface-mount Package
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - SF1201D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF1201D MURATA-SF1201D Datasheet
197Kb / 5P
455.0 MHz SAW Filter
More results


Similar Description - SF1201D

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Murata Manufacturing Co...
SF1201D MURATA-SF1201D Datasheet
197Kb / 5P
455.0 MHz SAW Filter
logo
Golledge Electronics Lt...
MP01856 GOLLEDGE-MP01856 Datasheet
126Kb / 4P
SAW Filter 455.0 MHz
logo
Transko Electronics, In...
TD-0455Q3-C80 TRANSKO-TD-0455Q3-C80 Datasheet
575Kb / 7P
LTE 450 SAW DUPLEXER For 455.0 MHz / 465.0 MHz
Revision 0: February 2014
TD455EK4 TRANSKO-TD455EK4 Datasheet
663Kb / 7P
CDMA450 Rx Balanced SAW Duplexer For 455.0 MHz / 465.0 MHz
Revision 3: February 2011
TD455EK5 TRANSKO-TD455EK5 Datasheet
686Kb / 7P
CDMA450 Rx Balanced SAW Duplexer For 455.0 MHz / 465.0 MHz
Revision 0: January 2011
TD455EK6 TRANSKO-TD455EK6 Datasheet
751Kb / 7P
CDMA450 Rx Balanced SAW Duplexer For 455.0 MHz / 465.0 MHz
Revision 0: June 2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com