Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP81900M Datasheet (PDF) - Sony Corporation

CXP81900M Datasheet PDF - Sony Corporation
Part # CXP81900M
Download  CXP81900M Download
File Size   261.23 Kbytes
Page   8 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP81900M Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP81900M Datasheet PDF - Sony Corporation

Part # CXP81900M
Download  CXP81900M Click to download

File Size   261.23 Kbytes
Page   8 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP81900M Datasheet (HTML) - Sony Corporation


CXP81900M Product details

Description
The CXP81900M is a CMOS 8-bit single chip micro-computer of piggyback/evaluator combined type, which is developed for evaluating the function of the CXP81952M/81960M.

Features
• A wide instruction set (213 instructions) which cover various types of data. 
    – 16-bit operation/multiplication and division/boolean bit operation instructions
• Minimum instruction cycle 250ns at 16MHz operation (4.5 to 5.5V) 333ns at 12MHz operation (2.7 to 5.5V) 122µs at 32kHz operation
• Applicable EPROM LCC type 27C256, LCC type 27C512 (Maximum 60Kbytes are available.)
• Incorporated RAM capacity 2048 bytes
• Peripheral functions
    – A/D converter 8-bit, 12-channel, successive approximation method (Conversion time of 20µs/16MHz)
    – Serial interface Incorporated buffer RAM (Auto transfer for 1 to 32 bytes), 1 channel Incorporated 8-bit and 8-stage FIFO (Auto transfer for 1 to 8 bytes), 1 channel
    – Timer 8-bit timer, 8-bit timer/counter 19-bit time base timer 32kHz timer/counter
    – High precision timing pattern generator PPG 19-pin, 32-stage programmable RTG 5 pins, 2 channels
    – PWM/DA gate output PWM output 12 bits, 2 channels (Repetitive frequency 62.5kHz/16MHz) DA gate pulse output 13 bits, 4channels
    – FRC capture unit Incorporated 26-bit and 8-stage FIFO
    – PWM output 14 bits, 1 channel
    – Remote control receiving circuit 8-bit pulse measurement counter with on-chip 6-stage FIFO
    – General purpose prescaler 7 bits (PG5 input frequency division, FRC capture possible.)
    – HSYNC counter 12-bit event counter (SYNC1 input count)
• Interruption 20 factors, 15 vectors, multi-interruption possible
• Standby mode SLEEP/STOP
• Package 100-pin ceramic PQFP




Similar Part No. - CXP81900M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
CMOS 8-bit Single Chip Microcomputer
More results


Similar Description - CXP81900M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com